Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-9752 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-9752
Description  Design Guidelines for New-Generation FPS??FSB-Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-9752 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-9752 Datasheet HTML 1Page - Fairchild Semiconductor AN-9752 Datasheet HTML 2Page - Fairchild Semiconductor AN-9752 Datasheet HTML 3Page - Fairchild Semiconductor AN-9752 Datasheet HTML 4Page - Fairchild Semiconductor AN-9752 Datasheet HTML 5Page - Fairchild Semiconductor AN-9752 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AN-9752
APPLICATION NOTE
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 1/23/13
2
2. AX-CAP® Technology
The AX-CAP® discharge function is one of Fairchild
Semiconductor’s mWSaver™ technologies offering best-in-
class minimum power consumption in no-load and light-
load conditions to meet the latest ENERGY STAR
specifications and 2013 ErP Standby Power Regulation
(less than 0.5 W consumption with 0.25 W load for ATX
power and LCD TV power).
The EMI filter in the front end of the Switched-Mode
Power Supply (SMPS) typically includes a capacitor across
the AC line connector, as shown in Figure 2. Most of the
safety regulations, such as UL 1950 and IEC61010-1,
require the capacitor to be discharged to a safe level within
a given time after the power supply is unplugged from the
power outlet.
Figure 2.
Typical Circuit of Line EMI Filter
 UL1950: voltage across a capacitance greater than 0.1 µF
must decay to 37% of the AC input peak voltage in one
second for type-A equipment and 10 seconds for type-B
equipment.
 IEC61010-1: The pins must not be hazardous (live) at
five seconds after disconnection from the supply.
The discharge resistor must comply with Equation (1) to
meet the discharge time of less than one second. The power
loss of discharge resistor paralleled with X-cap is shown in
Equation (2):
s
R
C
DIS
X
DIS
1
×
=
τ
(1)
DIS
AC
Loss
R
V
P
2
(RMS)
=
(2)
Table 1 shows the relationship between rated output power,
typical effective X capacitor value, and power dissipation of
the discharge resistor. As the power level increases, the
EMI filter capacitor tends to increase and, therefore,
requires a smaller discharge resistor to maintain the same
discharge time. This typically results in more power
dissipation in high-power applications. Power dissipation in
the discharge resistor is a major cause of standby power
consumption in high-power applications.
Table 1. Power Dissipation in Discharge Resistor
for Different Rated Power System
Effective
X-CAP
Typical Rated
Output Power
Discharge
Resistor
Power
Dissipation in
Discharge
Resistor at
240 VAC for
tDIS=1 s
250 nF
20~50 W
4 MΩ
14.4 mW
500 nF
50~100 W
2 MΩ
28.8 mW
1 µF
100~200 W
1 MΩ
57.6 mW
2 µF
200~400 W
500 kΩ
115.2 mW
4 µF
400~800 W
250 kΩ
230.4 mW
8 µF
800~1,600 W
125 kΩ
460.8 mW
The innovative AX-CAP® discharge method, a proprietary
mWSavertechnology of Fairchild Semiconductor, was
developed to eliminate X-cap discharge resistors while
meeting safety requirements.
2.1 Proposed Solution
Figure 3 shows the typical application circuit and internal
blocks for AX-CAP® technology. It intelligently discharges
the filter capacitor only when the power supply is
unplugged from the power outlet. Since the AX-CAP
discharge circuit is disabled in normal operation, the power
loss in the EMI filter can be virtually removed. In normal
operation, the line voltage is detected by sensing X
capacitor voltage with a switched voltage divider composed
of external high-voltage resistor (RHV) and internal resistor
(RLS). The switched voltage divider is driven with a very
narrow pulse such that the power consumption of the
voltage divider can be minimized.
Figure 3.
AX-CAP
® Circuit Connection of FSB-Series
AX-CAP® detects the line disconnection by checking the
zero crossing of X capacitor voltage. In normal operation, X
capacitor voltage drops down to zero repetitively as long as
it is connected to the line. Once the power supply is
disconnected from power outlet, the bridge rectifier is
reverse biased and the only discharge path for the X
capacitor is through the switched voltage divider. Then, the


Similar Part No. - AN-9752

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
   High-Power Factor Flyback Converter for LED Driver with
More results

Similar Description - AN-9752

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4149 FAIRCHILD-AN4149 Datasheet
312Kb / 19P
   Design Guidelines
AN4137 FAIRCHILD-AN4137 Datasheet
422Kb / 20P
   Design Guidelines
AN-4150 FAIRCHILD-AN-4150 Datasheet
560Kb / 16P
   Design Guidelines for Flyback Converters
AN4146 FAIRCHILD-AN4146 Datasheet
376Kb / 24P
   Design Guidelines for Quasi-Resonant Converters
AN4134 FAIRCHILD-AN4134 Datasheet
305Kb / 14P
   Design Guidelines for Off-line Forward Converters
logo
Maxim Integrated Produc...
AN4880 MAXIM-AN4880 Datasheet
557Kb / 15P
   Design Guidelines For 78P235x E4/STM1e LIUs
Rev 2.1
logo
STMicroelectronics
AN3206 STMICROELECTRONICS-AN3206 Datasheet
287Kb / 14P
   PCB design guidelines for the STM32W108 platform
logo
Fairchild Semiconductor
AN-9068 FAIRCHILD-AN-9068 Datasheet
250Kb / 11P
   Gate Resistor Design Guidelines for SupreMOS MOSFETs
logo
STMicroelectronics
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
   PCB design guidelines for the SPIRIT1 transceiver
logo
Texas Instruments
UCC2751 TI1-UCC2751_10 Datasheet
2Mb / 9P
[Old version datasheet]   Not Recommended for New Design
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com