Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC-2R8A24-1747S Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # VC-2R8A24-1747S
Description  VCO (800 to 2000 MHz)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VC-2R8A24-1747S Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button VC-2R8A24-1747S Datasheet HTML 3Page - Fujitsu Component Limited. VC-2R8A24-1747S Datasheet HTML 4Page - Fujitsu Component Limited. VC-2R8A24-1747S Datasheet HTML 5Page - Fujitsu Component Limited. VC-2R8A24-1747S Datasheet HTML 6Page - Fujitsu Component Limited. VC-2R8A24-1747S Datasheet HTML 7Page - Fujitsu Component Limited. VC-2R8A24-1747S Datasheet HTML 8Page - Fujitsu Component Limited. VC-2R8A24-1747S Datasheet HTML 9Page - Fujitsu Component Limited. VC-2R8A24-1747S Datasheet HTML 10Page - Fujitsu Component Limited. VC-2R8A24-1747S Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
VC-24 Series
7
Band2
(Ta
= −10°C to +75°C)
Parameter
Symbol
Conditions
Value
Unit
Min.
Typ.
Max.
Current
consumption
ICC
VCC
= 2.8 V, Vt = 1.35 V

10.0
mA
SW current
ISW
VCC
= 2.8 V, Vt = 1.35 V, VSW = 2.8 V

1.0
mA
Frequency
fmin
VCC
= 2.8 V, Vt = 0.5 V

1577.5
MHz
Frequency
fmax
VCC
= 2.8 V, Vt = 2.2 V
1657.5

MHz
Control voltage
sensitivity
Svt
(fmax
− fmin) /1.7
56.0
66.0
76.0
MHz/V
Oscillator output
Po
VCC
= 2.8 V, Vt = 1.35 V
−6.0
−2.0
+2.0
dBm
C/N
C/N
VCC
= 2.8 V, Vt = 1.35 V,
Offset
= 10 kHz, BW = 1 Hz

−85.0
dBc/Hz
VCC
= 2.8 V, Vt = 1.35 V,
Offset
= 400 kHz, BW = 1 Hz

−123.0
dBc/Hz
VCC
= 2.8 V, Vt = 1.35 V,
Offset
= 10 MHz, BW = 1 Hz

−133.0
dBc/Hz
VCC
= 2.8 V, Vt = 1.35 V,
Offset
= 20 MHz, BW = 1 Hz

−140.0
dBc/Hz
Higher harmonics
Hs
VCC
= 2.8 V, Vt = 1.35 V,
Up to 3rd

−10.0
dBc
Power supply
variation
Push
VCC
= 2.8 V ± 0.1 V, Vt = 1.35 V

±1500
kHz
Load variation
Pull
VCC
= 2.8 V , Vt = 1.35 V,
VSWR
= 2, All phases

±2000
kHz
Temperature drift
Td
VCC
= 2.8 V, Vt = 1.35 V

±5000
kHz


Similar Part No. - VC-2R8A24-1747S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VC-2R8A26 FUJITSU-VC-2R8A26 Datasheet
100Kb / 11P
   ASSP for Mobile Telephone
VC-2R8A26-1065 FUJITSU-VC-2R8A26-1065 Datasheet
100Kb / 11P
   ASSP for Mobile Telephone
VC-2R8A26-2143 FUJITSU-VC-2R8A26-2143 Datasheet
100Kb / 11P
   ASSP for Mobile Telephone
More results

Similar Description - VC-2R8A24-1747S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VC-23 FUJITSU-VC-23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone VCO (800 to 2000 MHz)
logo
Mini-Circuits
ZNDC-13-2G MINI-ZNDC-13-2G Datasheet
166Kb / 1P
   Directional Coupler 50??13dB 800 to 2000 MHz
ZNDC-15-2G MINI-ZNDC-15-2G Datasheet
167Kb / 1P
   Directional Coupler 50??15dB 800 to 2000 MHz
ZNDC-18-2G MINI-ZNDC-18-2G Datasheet
166Kb / 1P
   Directional Coupler 50??18dB 800 to 2000 MHz
ZNDC-20-2G MINI-ZNDC-20-2G Datasheet
109Kb / 1P
   Directional Coupler 50??20dB 800 to 2000 MHz
ZNDC-23-2G MINI-ZNDC-23-2G Datasheet
109Kb / 1P
   Directional Coupler 50??23dB 800 to 2000 MHz
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
logo
List of Unclassifed Man...
PM2105 ETC-PM2105 Datasheet
834Kb / 4P
   1 WATT RFIC POWER AMPLIFIER 800 TO 2000 MHZ OPERATION
logo
Hittite Microwave Corpo...
HMC-C013 HITTITE-HMC-C013 Datasheet
842Kb / 6P
   10 WATT POWER AMPLIFIER MODULE, 800 - 2000 MHz
HMC-C013 HITTITE-HMC-C013_08 Datasheet
317Kb / 6P
   10 WATT POWER AMPLIFIER MODULE, 800 - 2000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com