Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9371A Datasheet(PDF) 8 Page - Keysight Technologies

Part # M9371A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9371A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button M9371A Datasheet HTML 4Page - Keysight Technologies M9371A Datasheet HTML 5Page - Keysight Technologies M9371A Datasheet HTML 6Page - Keysight Technologies M9371A Datasheet HTML 7Page - Keysight Technologies M9371A Datasheet HTML 8Page - Keysight Technologies M9371A Datasheet HTML 9Page - Keysight Technologies M9371A Datasheet HTML 10Page - Keysight Technologies M9371A Datasheet HTML 11Page - Keysight Technologies M9371A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8
Frequency Reference
Specification
Typical
Accuracy
±1 ppm
Aging rate
< 3.5 ppm/year
Temperature stability
±1 ppm over 0 to 55 ºC
System impedance
50 Ω (nominal)
75 Ω with appropriate adapter
and calibration kit
Table 2. Noise floor and dynamic range
Frequency range
Noise Floor1 (dBm)
(specification)
Dynamic Range2
(dB) (specification)
Dynamic Range3
(dB) (typical)
Effective Dynamic
Range4 (dB)
(characteristic)
300 kHz to < 10 MHz
--
--
111
97
10 to < 250 MHz
-98
98
110
95
250 MHz to 1 GHz
-108
115
122
114
> 1 to 4 GHz
-108
115
122
115
> 4 to 6.5 GHz
-108
115
122
115
> 6.5 to 9 GHz
-108
114
121
114
> 9 to 14 GHz
-108
114
120
110
> 14 to 18 GHz
-108
112
119
100
> 18 to 20 GHz
-108
110
118
98
> 20 to 24 GHz
-98
95
104
82
> 24 to 26.5 GHz
--
--
95
65
1
Noise floor in a 10 Hz IF bandwidth
2
System dynamic range = source maximum output power minus receiver noise floor at 10 Hz IF
bandwidth. Does not include single module crosstalk effects.
3
System dynamic range = source maximum output power minus receiver noise floor at 10 Hz IF
bandwidth. Does not include single module crosstalk effects.
4
Effective dynamic range is when the crosstalk is greater than the noise floor, and thus crosstalk limits
the dynamic range. Crosstalk only limits the dynamic range for IF bandwidths < 1 kHz.


Similar Part No. - M9371A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9372A KEYSIGHT-M9372A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9371A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9372A KEYSIGHT-M9372A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com