Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7-495-7847474 Datasheet(PDF) 10 Page - 3M Electronics

Part # 7-495-7847474
Description  3M??EMI/EMC Electronic Materials
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7-495-7847474 Datasheet(HTML) 10 Page - 3M Electronics

Back Button 7-495-7847474 Datasheet HTML 4Page - 3M Electronics 7-495-7847474 Datasheet HTML 5Page - 3M Electronics 7-495-7847474 Datasheet HTML 6Page - 3M Electronics 7-495-7847474 Datasheet HTML 7Page - 3M Electronics 7-495-7847474 Datasheet HTML 8Page - 3M Electronics 7-495-7847474 Datasheet HTML 9Page - 3M Electronics 7-495-7847474 Datasheet HTML 10Page - 3M Electronics 7-495-7847474 Datasheet HTML 11Page - 3M Electronics 7-495-7847474 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
6
3M EMI/EMC Solutions
Electrically Conductive Cushioning Gasket Selections
3MElectrically Conductive Gaskets solutions encompass three distinct product types:
3M Electrically Conductive Gaskets
(ECG): Single coated and double coated conductive foam products
(less than 1mm thickness)
3M Metal Shielding Gaskets
(MSG): Very soft single coated conductive foam products with a metal carrier
(greater than 1 mm thickness).
3M Electrically Conductive Acrylic Pads
(eCAP): Solid core single coated acrylic conductive gaskets with a
conductive fabric carrier (less than 1 mm thickness).
The 3M ECG series has two versions. The single coated version ECG-70xx and the double coated version
ECG-80xx. The 3M MSG products are available in greater than 1mm thickness with a metal carrier layer that
is either a metal foil or a magnetic foil type. The eCAP product 7830N is an acrylic conductive ECATT with a
conductive fabric carrier layer to make a single sided eCAP gasket product.
Product
Conductive
Carrier Type
Conductive
Adhesive / Fillers
Conductive
Core
Total
Thickness
(mm)
Features
eCAP 7830N
Conductive
Fabric
Acrylic adhesive with
Ni coated graphite filler /
1 side, single coated
Acrylic adhesive
with Ni coated
graphite filler
0.2, 0.3,
0.4, 0.5
XYZ electrical conductivity, single sided, provides
EMI Shielding and Grounding, Good adhesion to
many substrates.
ECG-70xx
(ex: ECG-7033)
Conductive
Fabric
Acrylic adhesive
with Ni filler /
1 side, single coated
Metal plated open
cell urethane
foam
0.33, 0.53, 0.73
(0.xx)
XYZ electrical conductivity, Conformable-Soft, single
sided, provides EMI Shielding and Grounding, Good
adhesion to many substrates, single sided adhesive.
ECG-80xx
(ex: ECG-8035)
Conductive
Fabric
Acrylic adhesive
with Ni filler /
2 sided, double coated
Metal plated open
cell urethane
foam
0.35, 0.55, 0.75
(0.xx)
XYZ electrical conductivity, Conformable-Soft,
provides EMI Shielding and Grounding, Good
adhesion to many substrates, dual sided adhesive.
MSG-6xxx
(MSG-6180)
Metal Foil
Acrylic adhesive
with Ni filler /
1 side, single coated
Metal plated open
cell foam
0.6, 1.0, 1.8
(optional
thicknesses/
inquire @ 3M)
XYZ electrical conductivity, Very Conformable-Soft,
single sided, provides EMI Shielding and Grounding,
Good adhesion to many substrates, single
sided adhesive
3MElectrically Conductive
Cushioning Gasket
ECG-8035, ECG-8055,
ECG-8075, Double Coat
3MElectrically Conductive
Cushioning Gasket
ECG-7033, ECG-7053,
ECG-7073, Single Coat
Conductive PSA
Conductive PSA
3M EMI Absorbers & 3M Grounding Solutions for Optimized Antenna Performance
3M EMI Absorbers and 3M ECATT Grounding Solutions (Conductive PSA ECATT, Conductive Foils & Fabrics)
provide for an optimized antenna performance solution. Absorbers reduce line of sight or reflected EMI noise
near an antenna, Conductive PSAs and Gaskets offer grounding for a thickness range potential of 0.03 mm to
3.3 mm gaps, to reduce stray flowing currents and associated EMI that degrades antenna performance (S/N).
3MEMI Absorbers
WiFi Receiver/Transmitter
WiFi Receiver/Transmitter
Communication
Signal Disrupted
by IC EMI
Antenna
EMI Noisy
IC Devices
3M EMI Absorbers
Strong Signal
Signal to Noise Ratio
Poor
Optimized
Signal to Noise Ratio
Poor
Optimized


Similar Part No. - 7-495-7847474

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
7-455888-2 TEC-7-455888-2 Datasheet
711Kb / 18P
   Ocean side-feed applicators are available with either a mechanical feed, air feed, or servo feed system
7-455888-2 TEC-7-455888-2 Datasheet
880Kb / 19P
   Ocean Side-Feed Applicators
7-456402-3 TEC-7-456402-3 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
7-456404-0 TEC-7-456404-0 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
7-456404-0 TEC-7-456404-0 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - 7-495-7847474

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1524A 3M-1524A Datasheet
137Kb / 2P
   3M Medical Materials & Technologies
9777L 3M-9777L Datasheet
180Kb / 2P
   3M Medical Materials & Technologies
1773 3M-1773 Datasheet
175Kb / 2P
   3M Medical Materials & Technologies
1772 3M-1772 Datasheet
360Kb / 2P
   3M Medical Materials & Technologies
1774T 3M-1774T Datasheet
171Kb / 2P
   3M Medical Materials & Technologies
9776 3M-9776 Datasheet
172Kb / 2P
   3M Medical Materials & Technologies
1524 3M-1524 Datasheet
137Kb / 2P
   3M Medical Materials & Technologies
1774W 3M-1774W Datasheet
171Kb / 2P
   3M Medical Materials & Technologies
1504X 3M-1504X Datasheet
167Kb / 2P
   3M Medical Materials & Technologies
7613T 3M-7613T Datasheet
553Kb / 4P
   3M??Tamper-Evident Label Materials
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com