Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48-22-739-60-00 Datasheet(PDF) 2 Page - 3M Electronics

Part # 48-22-739-60-00
Description  3M??EMI/EMC Electronic Materials
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

48-22-739-60-00 Datasheet(HTML) 2 Page - 3M Electronics

  48-22-739-60-00 Datasheet HTML 1Page - 3M Electronics 48-22-739-60-00 Datasheet HTML 2Page - 3M Electronics 48-22-739-60-00 Datasheet HTML 3Page - 3M Electronics 48-22-739-60-00 Datasheet HTML 4Page - 3M Electronics 48-22-739-60-00 Datasheet HTML 5Page - 3M Electronics 48-22-739-60-00 Datasheet HTML 6Page - 3M Electronics 48-22-739-60-00 Datasheet HTML 7Page - 3M Electronics 48-22-739-60-00 Datasheet HTML 8Page - 3M Electronics 48-22-739-60-00 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Laptop EMI/EMC Solutions
3M Multi-functional EMI
Shielding, Grounding and Heat
Spreading Solutions for LED
and other heat sources device
temperature management
3MEMI Absorbers
AB5050/AB6005/AB7050
to reduce EMI Noise level within
device or on Flex/Connector
3MElectrically Conductive
Adhesive Transfer Tape
9707/9709S/9720S/9750
for Flex/PCB grounding and
attachment, grounded parts assembly
versus screws and clips. Lower device
bias, reduce flex EMI interference.
3M EMI Absorbers AB5050/
AB6005/AB7050 to reduce
the EMI noise radiation from
high speed devices like CPU/
MPU/memory. Attach AB
series sheet on the specific
noise source.
3MElectrically
Conductive Gasket
ECG-7073 for grounding
and EMI shielding.
End user device
using NFC/RFID
Antenna & 3M Flux
Field Directional
Material (FFDM)
Read
Antenna
Very soft and conformable 3MElectrically
Conductive Foam Gasket Materials
MSG-6100 for grounding, gap filling
and EMI shielding
3MEMI Shielding Foil
and Fabric Tape for
display grounding and
EMI Shielding
• LCD Driver EMI Shielding
• 3M EMI Shielding Foil
Tapes 1170 and 1183
• 3M EMI Shielding Fabric
Tapes CN3490, CN3190
and CEF-3T
3M EMI Absorbers AB7050/AB5100 to reduce
EMI noise within enclosure / EMI Faraday Cage /
Reduce cavity resonance. Attach absorber sheet
on the wall of shielding parts.
3MFlux Field Directional Materials
EM16TF/RFIC15
for improved NFC & RFID antenna
read range performance.
Less eddy current losses
in surrounding materials.
LCD Module Back Side
Control PCB
Cover Sheet
WI-WAN
Antenna
AB5010
Easy-to-use shielding, absorbing, grounding
and bonding technology for today’s electronics
The continuing trend toward designing electronic devices with smaller
enclosures, denser circuits and higher speeds has made managing
electromagnetic/radio frequency interference (EMI/RFI) and electrostatic
discharge (ESD) a growing challenge for electronics manufacturers.
3M can help you meet that challenge, with a variety of advanced shielding
and grounding solutions designed to help you speed assembly time…
reduce weight…save space…control costs…and give you more design
flexibility. Let 3M help you get connected!
3M EMI Absorbers AB5100/AB7050
to reduce the EMI interference between
LCD back panel and Wi-LWAN antenna


Similar Part No. - 48-22-739-60-00

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
48-21-W1D-ANPHY EVERLIGHT-48-21-W1D-ANPHY Datasheet
153Kb / 11P
   Chip LED with Right Angle Lens
48-21/W1D-ANPHY/3C EVERLIGHT-48-21/W1D-ANPHY/3C Datasheet
153Kb / 11P
   Chip LED with Right Angle Lens
48-213-BHC-ZM2P1QY-3C EVERLIGHT-48-213-BHC-ZM2P1QY-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
48-213-BHC-ZM2P1QY-3C EVERLIGHT-48-213-BHC-ZM2P1QY-3C Datasheet
152Kb / 10P
   Chip LED with Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
48-213-BHC-ZM2P1QY-3C TO-GRACE-48-213-BHC-ZM2P1QY-3C Datasheet
652Kb / 10P
   Chip LED with Right Angle Lens
More results

Similar Description - 48-22-739-60-00

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1524A 3M-1524A Datasheet
137Kb / 2P
   3M Medical Materials & Technologies
9777L 3M-9777L Datasheet
180Kb / 2P
   3M Medical Materials & Technologies
1773 3M-1773 Datasheet
175Kb / 2P
   3M Medical Materials & Technologies
1772 3M-1772 Datasheet
360Kb / 2P
   3M Medical Materials & Technologies
1774T 3M-1774T Datasheet
171Kb / 2P
   3M Medical Materials & Technologies
9776 3M-9776 Datasheet
172Kb / 2P
   3M Medical Materials & Technologies
1524 3M-1524 Datasheet
137Kb / 2P
   3M Medical Materials & Technologies
1774W 3M-1774W Datasheet
171Kb / 2P
   3M Medical Materials & Technologies
1504X 3M-1504X Datasheet
167Kb / 2P
   3M Medical Materials & Technologies
7613T 3M-7613T Datasheet
553Kb / 4P
   3M??Tamper-Evident Label Materials
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com