Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73132DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73132DBVT
Description  Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73132DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS73132DBVT Datasheet HTML 1Page - Texas Instruments TPS73132DBVT Datasheet HTML 2Page - Texas Instruments TPS73132DBVT Datasheet HTML 3Page - Texas Instruments TPS73132DBVT Datasheet HTML 4Page - Texas Instruments TPS73132DBVT Datasheet HTML 5Page - Texas Instruments TPS73132DBVT Datasheet HTML 6Page - Texas Instruments TPS73132DBVT Datasheet HTML 7Page - Texas Instruments TPS73132DBVT Datasheet HTML 8Page - Texas Instruments TPS73132DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
POWER DISSIPATION RATINGS
(1)
ELECTRICAL CHARACTERISTICS
TPS73101, TPS73115, TPS73118
TPS73125, TPS73130, TPS73132
TPS73133, TPS73150
SBVS034E – SEPTEMBER 2003 – REVISED SEPTEMBER 2004
DERATING FACTOR
TA ≤ 25°C
TA = 70°C
TA = 85°C
BOARD
PACKAGE
RΘJC
RΘJA
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
Low-K(2)
DBV
64
°C/W
255
°C/W
3.9mW/
°C
390mW
215mW
155mW
High-K (3)
DBV
64
°C/W
180
°C/W
5.6mW/
°C
560mW
310mW
225mW
(1)
See Power Dissipation in the Applications section for more information related to thermal design.
(2)
The JEDEC Low-K (1s) board design used to derive this data was a 3 inch x 3 inch, two-layer board with 2-ounce copper traces on top
of the board.
(3)
The JEDEC High-K (2s2p) board design used to derive this data was a 3 inch x 3 inch, multilayer board with 1-ounce internal power and
ground planes and 2-ounce copper traces on the top and bottom of the board.
Over operating temperature range (T
J = -40°C to +125°C), VIN = VOUT(nom) + 0.5V
(1), I
OUT = 10mA, VEN = 1.7V, and COUT =
0.1µF, unless otherwise noted. Typical values are at T
J = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
1.7
5.5
V
VFB
Internal reference (TPS73101)
TJ = 25°C
1.198
1.20
1.210
V
Output voltage range (TPS73101)
VFB
5.5 - VDO
V
Nominal
TJ = 25°C
-0.5
+0.5
VOUT
Accuracy(1)
%
VOUT + 0.5V ≤ VIN ≤ 5.5V;
VIN, IOUT, and T
-1.0
±0.5
+1.0
10 mA
≤ I
OUT≤ 150mA
∆V
OUT%/∆VIN
Line regulation(1)
VOUT(nom) + 0.5V ≤ VIN ≤ 5.5V
0.01
%/V
1mA
≤ I
OUT ≤ 150mA
0.002
∆V
OUT%/∆IOUT
Load regulation
%/mA
10mA
≤ I
OUT ≤ 150mA
0.0005
Dropout voltage(2)
VDO
IOUT = 150mA
30
100
mV
(VIN = VOUT (nom) - 0.1V)
ZO(DO)
Output impedance in dropout
1.7 V
≤ V
IN ≤ VOUT + VDO
0.25
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
150
360
500
mA
ISC
Short-circuit current
VOUT = 0V
200
mA
IREV
Reverse leakage current(3) (-IIN)
VEN ≤ 0.5V, 0V≤ VIN ≤ VOUT
0.1
10
µA
IOUT = 10mA (IQ)
400
550
IGND
Ground pin current
µA
IOUT = 150mA
550
750
ISHDN
Shutdown current (IGND)
VEN ≤ 0.5V, VOUT ≤ VIN ≤ 5.5
0.02
1
µA
IFB
FB pin current (TPS73101)
0.1
0.3
µA
f = 100Hz, IOUT = 150 mA
58
Power-supply rejection ratio
PSRR
dB
(ripple rejection)
f = 10kHz, IOUT = 150 mA
37
COUT = 10µF, No CNR
27
× V
OUT
Output noise voltage
VN
µVRMS
BW = 10Hz - 100kHz
COUT = 10µF, CNR = 0.01µF
8.5
× V
OUT
VOUT = 3V, RL = 30Ω
tSTR
Startup time
600
µs
COUT = 1 µF, CNR = 0.01 µF
VEN(HI)
Enable high (enabled)
1.7
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.5
V
IEN(HI)
Enable pin current (enabled)
VEN = 5.5V
0.02
0.1
µA
Shutdown
Temp increasing
160
TSD
Thermal shutdown temperature
°C
Reset
Temp decreasing
140
TJ
Operating junction temperature
-40
125
°C
(1)
Minimum VIN = VOUT +VDO or 1.7V, whichever isgreater.
(2)
VDO is not measured for the TPS73115 (VO(nom) = 1.5V) since minimum VIN = 1.7V.
(3)
Fixed-voltage versions only; refer to the Applications section for more information.
3


Similar Part No. - TPS73132DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73132DBVT TI-TPS73132DBVT Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73132DBVT TI1-TPS73132DBVT Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
TPS73132DBVTG4 TI-TPS73132DBVTG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73132DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731XX TI-TPS731XX Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com