Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61004DGS Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61004DGS
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61004DGS Datasheet(HTML) 2 Page - Texas Instruments

  TPS61004DGS Datasheet HTML 1Page - Texas Instruments TPS61004DGS Datasheet HTML 2Page - Texas Instruments TPS61004DGS Datasheet HTML 3Page - Texas Instruments TPS61004DGS Datasheet HTML 4Page - Texas Instruments TPS61004DGS Datasheet HTML 5Page - Texas Instruments TPS61004DGS Datasheet HTML 6Page - Texas Instruments TPS61004DGS Datasheet HTML 7Page - Texas Instruments TPS61004DGS Datasheet HTML 8Page - Texas Instruments TPS61004DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
TA
PACKAGE
OUTPUT VOLTAGE
(V)
PART NUMBER†
MARKING DGS
PACKAGE
Adj. from 1.5 V to 3.3 V
TPS61000DGS
ADA
1.5
TPS61001DGS
ADB
1.8
TPS61002DGS
ADC
40
°Cto85°C
10 Pin MSOP DGS
2.5
TPS61003DGS
ADD
– 40
°C to 85°C
10-Pin MSOP DGS
2.8
TPS61004DGS
ADE
3.0
TPS61005DGS
ADF
3.3
TPS61006DGS
ADG
Adj. from 1.5 V to 3.3 V
TPS61007DGS
ADH
† The DGS package is available taped and reeled. Add R suffix to device type (e.g. TPS61000DGSR) to order quantities of
2500 devices per reel.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
COMP
2
Compensation of error amplifier. Connect R-C-C network to set frequency response of control loop. See the
Application section for more details.
EN
1
I
Chip-enable input. The converter is switched on if EN is set high, and is switched off when EN is connected to
ground (shutdown mode).
FB
3
I
Feedback input for adjustable output voltage (TPS61000 only). The output voltage is programmed depending on
the values of resistors R1 and R2. For the fixed output voltage versions (TPS61000, TPS61002, TPS61003,
TPS61004, TPS61005, TPS61006), leave the FB pin unconnected.
NC/FBGND
8
Not connected (TPS61000, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006). A ground pin for the
feedback resistor divider for the TPS61007 only.
GND
4
Ground
LBI
9
I
Low-battery detector input. A low-battery signal is generated at the LBO pin when the voltage on LBI drops below
the threshold of 500 mV. Connect LBI to GND or VBAT if the low-battery detector function is not used. Do not leave
this pin floating.
LBO
10
O
Open-drain low-battery detector output. This pin is pulled low if the voltage on LBI drops below the threshold of
500 mV. A pullup resistor should be connected between LBO and VOUT.
SW
7
I
Switch input pin. The node between inductor and anode of the rectifier diode is connected to this pin.
VBAT
6
I
Supply pin
VOUT
5
O
Output voltage. For the fixed output voltage versions, the integrated resistive divider is connected to this pin.
1
2
3
4
5
10
9
8
7
6
EN
COMP
FB
GND
VOUT
LBO
LBI
NC/FBGND
SW
VBAT
DGS PACKAGE
(TOP VIEW)
‡ TPS61007 only


Similar Part No. - TPS61004DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61004DGS TI-TPS61004DGS Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61004DGS TI1-TPS61004DGS Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61004DGSG4 TI1-TPS61004DGSG4 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61004DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
   Low Start-up Voltage Boost Converter with Four SPDT Switches
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Linear Technology
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com