Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECG-80xx Datasheet(PDF) 9 Page - 3M Electronics

Part # ECG-80xx
Description  3M??EMI/EMC Electronic Materials
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

ECG-80xx Datasheet(HTML) 9 Page - 3M Electronics

Back Button ECG-80xx Datasheet HTML 4Page - 3M Electronics ECG-80xx Datasheet HTML 5Page - 3M Electronics ECG-80xx Datasheet HTML 6Page - 3M Electronics ECG-80xx Datasheet HTML 7Page - 3M Electronics ECG-80xx Datasheet HTML 8Page - 3M Electronics ECG-80xx Datasheet HTML 9Page - 3M Electronics ECG-80xx Datasheet HTML 10Page - 3M Electronics ECG-80xx Datasheet HTML 11Page - 3M Electronics ECG-80xx Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
5
3MEMI Custom Foil Tape
AL39UL/3006ALB
3M EMI Absorbers AB5100/AB6005/
AB7050 to reduce EMI noise within device.
3MFlux Field Directional
Material AB5016RF/RFIC15 for
improved NFC & RFID performance.
3M Flux Field Directional Material
RFIC/EM16TF/EM80KM for
improved Wireless Power Efficiency.
Hard Coating Layer
ITO Layer
LCD Glass
Driver LC
AL39UL
3MEMI Absorbers AB5100/AB6005/AB7050
to reduce EMI noise level on flex/connector.
B
z
Is Grounding Bias degrading your antenna or data flex signal to
noise (S/N) performance?
Problem
Solution
Electrical Bias Degrades
Performance
Poor Antenna or Data Flex
Signal/Noise ratio
Effectively
Ground Device
Optimized Signal/Noise Ratio
Grounding
not
effective
Antenna
Signal Data Flex
+2.0 V
+0.0 V Ground
Internal Device Bias
No Device Bias
Antenna
Signal Data Flex
+0.0 V
+0.0 V Ground
Assembly
optimized for
grounding
using
3M ECATT
Grounding
not
effective
Antenna
Signal Data Flex
+2.0 V
+0.0 V Ground
Internal Device Bias
No Device Bias
Antenna
Signal Data Flex
+0.0 V
+0.0 V Ground
Assembly
optimized for
grounding
using
3M ECATT
If device is not well grounded, the
“bias” voltage in the device acts as
a “transmitter” of a signal that the
signal line flex, antenna flex, etc. pick
up, leading to poor S/N performance
and higher error rates.
Device is well grounded so the “bias” voltage
in the device is “baseline” and no “RF signal”
is emitted. Optimized Antenna and data flex
S/N performance.
3M ECATT 9707, 9709S, 9720S and 9750


Similar Part No. - ECG-80xx

ManufacturerPart #DatasheetDescription
logo
3M Electronics
ECG-8035 3M-ECG-8035 Datasheet
281Kb / 6P
   Electrically Conductive Cushioning Gasket Tape
ECG-8055 3M-ECG-8055 Datasheet
281Kb / 6P
   Electrically Conductive Cushioning Gasket Tape
ECG-8075 3M-ECG-8075 Datasheet
281Kb / 6P
   Electrically Conductive Cushioning Gasket Tape
More results

Similar Description - ECG-80xx

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1524A 3M-1524A Datasheet
137Kb / 2P
   3M Medical Materials & Technologies
9777L 3M-9777L Datasheet
180Kb / 2P
   3M Medical Materials & Technologies
1773 3M-1773 Datasheet
175Kb / 2P
   3M Medical Materials & Technologies
1772 3M-1772 Datasheet
360Kb / 2P
   3M Medical Materials & Technologies
1774T 3M-1774T Datasheet
171Kb / 2P
   3M Medical Materials & Technologies
9776 3M-9776 Datasheet
172Kb / 2P
   3M Medical Materials & Technologies
1524 3M-1524 Datasheet
137Kb / 2P
   3M Medical Materials & Technologies
1774W 3M-1774W Datasheet
171Kb / 2P
   3M Medical Materials & Technologies
1504X 3M-1504X Datasheet
167Kb / 2P
   3M Medical Materials & Technologies
7613T 3M-7613T Datasheet
553Kb / 4P
   3M??Tamper-Evident Label Materials
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com