Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9764 Datasheet(PDF) 7 Page - 3M Electronics

Part # 9764
Description  3M??EMI/EMC Electronic Materials
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9764 Datasheet(HTML) 7 Page - 3M Electronics

Back Button 9764 Datasheet HTML 3Page - 3M Electronics 9764 Datasheet HTML 4Page - 3M Electronics 9764 Datasheet HTML 5Page - 3M Electronics 9764 Datasheet HTML 6Page - 3M Electronics 9764 Datasheet HTML 7Page - 3M Electronics 9764 Datasheet HTML 8Page - 3M Electronics 9764 Datasheet HTML 9Page - 3M Electronics 9764 Datasheet HTML 10Page - 3M Electronics 9764 Datasheet HTML 11Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
9
Contact Resistance
(R ohms) between a
Gold Flexible Test Strip
and a SS panel using
the 3M ECATT
Bond Line EMI
Shielding
(Bond Line
Gap/Slit EMI
Shielding
Potential)
Potential to improve contact R
of a Flex to a PCB grounding locations
via improved surface conformability
and XYZ conductive potential with
an ECATT product type vs. a generic
Z-axis only conductive PSA
Adhesion to
SS type
substrate/3M
TM/24 hour
RT dwell
Ease of Rework
based on a
standard set
of substrates
Thermal Conductivity
(W/mK) or an effective
Thermal Resistance (C/W)
for a given thickness vs a
generic Z-Axis only PSA
Gold flex bonded to SS using
the ECATT. “Best” results
relate to a lower contact R
potential on SS. Contact R can
vary with SS type tested as the
oxide layer thickness on a SS
type affects the final R results.
See note 1.
Best = High dB
EMI Shielding
in
Bond Line
“Gap/Slit”
Contact R between
a Flex and a PCB
Peel Strength
ECATT design
can effect rework
based on acrylic
adhesive type
& conductive
filler type.
Effective Thermal
resistance and
Thermal Conductivity vs a
generic Z-Axis only PSA.
9703
Best
Good
Good
Better
Good
9704
Best
Good
Best
Good
Good
9705
Best
Good
Good
Better
Good
9706
Best
Good
Best
Good
Good
9707
Best
Best
Best
Best
Good
Best
9709
Good
Best
Best
Good
Better
Best
9709S
Best
Best
Best
Good
Better
Best
9709SL
Best
Best
Best
Good
Better
Best
7805
Good
Better
Good
Best
Better
Better
7850
Good
Good
Good
Best
Good
Best
7772
Better
Good
Good
Good
Good
Good
9712
Good
Good
Good
Better
Good
Good
9713
Better
Good
Good
Good
Good
Good
9719
Good
Good
Good
Better
Good
Good
9720S
Better
Good
Good
Good
Good
Good
9723
Better
Good
Better
Best
Good
Good
9750
Best
Best
Best
Best
Good
Good
9732
Best
Better
Better
Best
Good
Good
9760
Best
Better
Better
Good
Best
Good
9764
Better
Better
Good
Good
Best
Good
9780
Better
Better
Good
Good
Best
Good
These long-lasting adhesive transfer tapes can eliminate the need for screws and mechanical
fasteners – while allowing the use of lighter, more compact fabric and layered foil shielding materials.
And, unlike other electrically conductive adhesives that can be messy and difficult to handle, 3M delivers
advanced adhesive and conductive properties in an easy-to-use, pressure-sensitive tape that can be hand
or machine applied and die cut to virtually any shape!
3MElectrically Conductive
Adhesive Transfer Tape (ECATT)
Selection Process
Selection of Grounding, EMI Shielding
and attachment ECATTs consists
of determining several application
requirements: For example, an ECATT
general selection process could take
into consideration items such as, but
not limited to:
1 Determine contact R target
2 Define contact surface type
3 Adhesion level desired - from High-
Medium-Standard Adhesion, and
High/Low adhesion sided ECATTs
4 Bond line thickness
5 Z or XYZ conductive type ECATT
6 Operating temperature range and
environmental conditions
7 EMI Shielding in bond line “Gap/Slit”
for high frequencies
8 Determine contact area for ECATT
used for R and adhesion of surfaces
9 Assembly Pressure, temperature
and time limits
10 After assembly bond line
stresses and need for added
mechanical support


Similar Part No. - 9764

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9764 FESTO-9764 Datasheet
97Kb / 2P
   Pneumatic valve
logo
Heyco.
9764 HEYCO-9764 Datasheet
106Kb / 1P
   Heyco®-Tite Metallic Liquid Tight Cordgrips
logo
Belden Inc.
9764 BELDEN-9764 Datasheet
176Kb / 3P
   CATV Video, RG11, 14 AWG BCCS, Tri Shield, Polyethylene Jacket
11-09-2022
9764-0031000 BELDEN-9764-0031000 Datasheet
176Kb / 3P
   CATV Video, RG11, 14 AWG BCCS, Tri Shield, Polyethylene Jacket
11-09-2022
9764-0101000 BELDEN-9764-0101000 Datasheet
176Kb / 3P
   CATV Video, RG11, 14 AWG BCCS, Tri Shield, Polyethylene Jacket
11-09-2022
More results

Similar Description - 9764

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1524A 3M-1524A Datasheet
137Kb / 2P
   3M Medical Materials & Technologies
9777L 3M-9777L Datasheet
180Kb / 2P
   3M Medical Materials & Technologies
1773 3M-1773 Datasheet
175Kb / 2P
   3M Medical Materials & Technologies
1772 3M-1772 Datasheet
360Kb / 2P
   3M Medical Materials & Technologies
1774T 3M-1774T Datasheet
171Kb / 2P
   3M Medical Materials & Technologies
9776 3M-9776 Datasheet
172Kb / 2P
   3M Medical Materials & Technologies
1524 3M-1524 Datasheet
137Kb / 2P
   3M Medical Materials & Technologies
1774W 3M-1774W Datasheet
171Kb / 2P
   3M Medical Materials & Technologies
1504X 3M-1504X Datasheet
167Kb / 2P
   3M Medical Materials & Technologies
7613T 3M-7613T Datasheet
553Kb / 4P
   3M??Tamper-Evident Label Materials
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com