Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30082B2DR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCL30082B2DR2G
Description  Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30082B2DR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCL30082B2DR2G Datasheet HTML 2Page - ON Semiconductor NCL30082B2DR2G Datasheet HTML 3Page - ON Semiconductor NCL30082B2DR2G Datasheet HTML 4Page - ON Semiconductor NCL30082B2DR2G Datasheet HTML 5Page - ON Semiconductor NCL30082B2DR2G Datasheet HTML 6Page - ON Semiconductor NCL30082B2DR2G Datasheet HTML 7Page - ON Semiconductor NCL30082B2DR2G Datasheet HTML 8Page - ON Semiconductor NCL30082B2DR2G Datasheet HTML 9Page - ON Semiconductor NCL30082B2DR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
NCL30082
www.onsemi.com
6
Table 3. ELECTRICAL CHARACTERISTICS (Unless otherwise noted: For typical values TJ = 25°C, VCC = 12 V;
For min/max values TJ = −40°C to +125°C, Max TJ = 150°C, VCC = 12 V)
Description
Unit
Max
Typ
Min
Symbol
Test Condition
ZERO VOLTAGE DETECTION CIRCUIT
ZCD threshold voltage
VZCD increasing
VZCD(THI)
25
45
65
mV
ZCD threshold voltage (Note 6)
VZCD decreasing
VZCD(THD)
5
25
45
mV
ZCD hysteresis (Note 6)
VZCD increasing
VZCD(HYS)
10
mV
Threshold voltage for output short circuit or aux. winding
short circuit detection
VZCD(short)
0.8
1
1.2
V
Short circuit detection Timer
VZCD < VZCD(short)
tOVLD
70
90
110
ms
Auto−recovery timer duration
trecovery
3
4
5
s
Input clamp voltage
High state
Low state
Ipin1 = 3.0 mA
Ipin1 = −2.0 mA
VCH
VCL
−0.9
9.5
−0.6
−0.3
V
Propagation Delay from valley detection to DRV high
VZCD decreasing
tDEM
150
ns
Equivalent time constant for ZCD input (Note 6)
tPAR
20
ns
Blanking delay after on−time
tBLANK
2.25
3
3.75
ms
Blanking delay after on−time NCL30082B2 and
NCL30082B3
tBLANKB2
1.2
1.6
2.0
ms
Timeout after last demag transition
tTIMO
5
6.5
8
ms
CONSTANT CURRENT CONTROL
Reference Voltage at TJ = 25°C
VREF
245
250
255
mV
Reference Voltage TJ = −40°C to 125°C
VREF
242.5
250
257.5
mV
Reference Voltage NCL30082D (TJ = 25°C)
VREFD
495
500
505
mV
Reference Voltage NCL30082D (TJ = 0°C to 85°C)
VREFD
492
500
508
mV
Reference Voltage NCL30082D (TJ = −40°C to 125°C)
VREFD
488
500
512
mV
Reference Voltage NCL30082B3 (TJ = 25°C)
VREFB3
329
333
337
mV
Reference Voltage NCL30082B3 (TJ = 0°C to 85°C)
VREFB3
325
333
341
mV
Reference Voltage NCL30082B3 (TJ = −40°C to 125°C)
VREFB3
321
333
345
mV
50% reference voltage (for thermal foldback)
VREF50
125
mV
25% reference voltage (for thermal foldback) NCL30082D
VREF25D
125
mV
Current sense lower threshold for detection of the
leakage inductance reset time
VCS(low)
30
55
80
mV
LINE FEED−FORWARD
VVIN to ICS(offset) conversion ratio
KLFF
15
17
19
mA/V
Offset current maximum value
VpinVIN = 4.5 V
Ioffset(MAX)
67.5
76.5
85.5
mA
VREF value below which the offset current source is turned off
VREF decreases
VREF(off)
37.5
mV
VREF value above which the offset current source is turned on
VREF increases
VREF(on)
50
mV
VALLEY SELECTION
Threshold for line range detection Vin increasing
(1st to 2nd valley transition for VREF > 0.75 V)
VVIN increases
VHL
2.28
2.4
2.52
V
Threshold for line range detection Vin decreasing
(2nd to 1st valley transition for VREF > 0.75 V)
VVIN decreases
VLL
2.18
2.3
2.42
V
Blanking time for line range detection
tHL(blank)
15
25
35
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Guaranteed by design.


Similar Part No. - NCL30082B2DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30082B ONSEMI-NCL30082B Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30082B1 ONSEMI-NCL30082B1 Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30082B1DMR2G ONSEMI-NCL30082B1DMR2G Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30082BDMR2G ONSEMI-NCL30082BDMR2G Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
More results

Similar Description - NCL30082B2DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
NCL30080 ONSEMI-NCL30080 Datasheet
258Kb / 21P
   Quasi-Resonant Primary Side Current-Mode Side Current-Mode
January, 2013 ??Rev. P0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
   Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30088 ONSEMI-NCL30088 Datasheet
386Kb / 26P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com