Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5304 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5304
Description  High Voltage, High and Low Side Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5304 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5304_14 Datasheet HTML 1Page - ON Semiconductor NCP5304_14 Datasheet HTML 2Page - ON Semiconductor NCP5304_14 Datasheet HTML 3Page - ON Semiconductor NCP5304_14 Datasheet HTML 4Page - ON Semiconductor NCP5304_14 Datasheet HTML 5Page - ON Semiconductor NCP5304_14 Datasheet HTML 6Page - ON Semiconductor NCP5304_14 Datasheet HTML 7Page - ON Semiconductor NCP5304_14 Datasheet HTML 8Page - ON Semiconductor NCP5304_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP5304
www.onsemi.com
5
IN_HI
IN_LO
DRV_HI
DRV_LO
Figure 4. Input/Output Timing Diagram
Figure 5. Propagation Delay and Rise / Fall Time Definition
IN_HI
50%
90%
90%
10%
10%
(IN_LO)
DRV_HI
(DRV_LO)
50%
toff
ton
tr
tf
50%
90%
50%
ton_HI
toff_HI
10%
DRV_HI
IN_HI
50%
10%
50%
toff_LO
ton_LO
90%
DRV_LO
IN_LO
Matching Delay1=ton_HI−ton_LO
Matching Delay2=toff_HI−toff_LO
Figure 6. Matching Propagation Delay


Similar Part No. - NCP5304_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5304DR2G ONSEMI-NCP5304DR2G Datasheet
138Kb / 15P
   High Voltage, High and Low Side Driver
July, 2007 - Rev. 1
NCP5304PG ONSEMI-NCP5304PG Datasheet
138Kb / 15P
   High Voltage, High and Low Side Driver
July, 2007 - Rev. 1
More results

Similar Description - NCP5304_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5111 ONSEMI-NCP5111 Datasheet
124Kb / 14P
   High Voltage, High and Low Side Driver
March, 2008 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com