Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30185ADR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCL30185ADR2G
Description  Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30185ADR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCL30185ADR2G Datasheet HTML 3Page - ON Semiconductor NCL30185ADR2G Datasheet HTML 4Page - ON Semiconductor NCL30185ADR2G Datasheet HTML 5Page - ON Semiconductor NCL30185ADR2G Datasheet HTML 6Page - ON Semiconductor NCL30185ADR2G Datasheet HTML 7Page - ON Semiconductor NCL30185ADR2G Datasheet HTML 8Page - ON Semiconductor NCL30185ADR2G Datasheet HTML 9Page - ON Semiconductor NCL30185ADR2G Datasheet HTML 10Page - ON Semiconductor NCL30185ADR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
NCL30185
www.onsemi.com
7
Table 3. ELECTRICAL CHARACTERISTICS (Unless otherwise noted: For typical values TJ = 25°C, VCC = 12 V, VZCD = 0 V,
VCS = 0 V, VSD = 1.5 V) For min/max values TJ = −40°C to +125°C, VCC = 12 V)
Description
Unit
Max
Typ
Min
Symbol
Test Condition
CONSTANT CURRENT AND POWER FACTOR CONTROL
Error amplifier current capability
VREFX=VREF (no dimming)
VREFX=25%* VREF
IEA
±60
±240
mA
COMP Pin Start−up Current Source
No dimming, COMP pin
grounded
IEA_STUP
140
mA
LINE FEED FORWARD
VVS to ICS(offset) conversion ratio
KLFF
18
20
22
mS
Line feed−forward current on CS pin
DRV high, VVS = 2 V
IFF
35
40
45
mA
Offset current maximum value
VVS > 5 V
Ioffset(MAX)
80
100
120
mA
VALLEY LOCKOUT SECTION
Threshold for high− line range (HL) detection
VVS rising
VHL
2.28
2.40
2.52
V
Threshold for low−line range (LL) detection
VVS falling
VLL
2.18
2.30
2.42
V
Blanking time for line range detection
tHL(blank)
15
25
35
ms
Valley Lockout
First step valley in High−Line.
Second step valley in High−Line.
Third step valley in High−Line.
First step valley in Low−Line.
Second step valley in Low−Line.
Third step valley in Low−Line.
VHL100%
VHL70%
VHL25%
VLL100%
VLL70%
VLL25%
2
3
6
1
2
5
FREQUENCY FOLDBACK
Additional dead time
VREFX = 25%*VREF
tFF1LL
1.4
2.0
2.6
ms
Additional dead time
VREFX = 5%*VREF
tFF2HL
40
ms
FAULT PROTECTION
Thermal Shutdown (Note 6)
FSW = 65 kHz
TSHDN
130
150
170
_C
Thermal Shutdown Hysteresis
TSHDN(HYS)
50
_C
Threshold voltage for output short circuit or aux.
winding short circuit detection
VZCD(short)
0.8
1.0
1.2
V
Short circuit detection Timer
VZCD < VZCD(short)
tOVLD
70
90
110
ms
Auto−recovery timer duration
trecovery
3
4
5
s
SD pin Clamp series resistor
RSD(clamp)
1.6
k
W
Clamped voltage
SD pin open
VSD(clamp)
1.13
1.35
1.57
V
SD pin detection level for OVP
VSD rising
VOVP
2.35
2.50
2.65
V
Delay before OVP or OTP confirmation (OVP and
OTP)
TSD(delay)
22.5
30.0
37.5
ms
Reference current for direct connection of an NTC
(Note 8)
IOTP(REF)
80
85
90
mA
Fault detection level for OTP (Note 7)
VSD falling
VOTP(off)
0.47
0.50
0.53
V
SD pin level for operation recovery after an OTP
detection
VSD rising
VOTP(on)
0.66
0.70
0.74
V
6. Guaranteed by Design
7. A NTC is generally placed between the SD and GND pins. Parameters RTF(start), RTF(stop), ROTP(off) and ROTP(on) give the resistance the
NTC must exhibit to respectively, enter thermal foldback, stop thermal foldback, trigger the OTP limit and allow the circuit recovery after
an OTP situation.
8. At startup, when VCC reaches VCC(on), the controller blanks OTP for more than 250 ms to avoid detecting an OTP fault by allowing the
SD pin voltage to reach its nominal value if a filtering capacitor is connected to the SD pin.


Similar Part No. - NCL30185ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30186 ONSEMI-NCL30186 Datasheet
380Kb / 28P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary
May, 2016 ??Rev. 1
NCL30186ADR2G ONSEMI-NCL30186ADR2G Datasheet
380Kb / 28P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary
May, 2016 ??Rev. 1
NCL30186BDR2G ONSEMI-NCL30186BDR2G Datasheet
380Kb / 28P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary
May, 2016 ??Rev. 1
NCL30186CDR2G ONSEMI-NCL30186CDR2G Datasheet
380Kb / 28P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary
May, 2016 ??Rev. 1
NCL30186DDR2G ONSEMI-NCL30186DDR2G Datasheet
380Kb / 28P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary
May, 2016 ??Rev. 1
More results

Similar Description - NCL30185ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30088 ONSEMI-NCL30088 Datasheet
386Kb / 26P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 4
NCL30288 ONSEMI-NCL30288 Datasheet
205Kb / 15P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
May, 2018 ??Rev. 0
NCL37733 ONSEMI-NCL37733 Datasheet
261Kb / 15P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting Below 25 W
September, 2020 ??Rev. 0
NCL30086BH ONSEMI-NCL30086BH Datasheet
376Kb / 30P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2016 ??Rev. 0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
   Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
NCL30188 ONSEMI-NCL30188 Datasheet
381Kb / 26P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Foldback
March, 2016 ??Rev. 0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
NCL30186 ONSEMI-NCL30186 Datasheet
380Kb / 28P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary
May, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com