Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8402GP-TE-L-H Datasheet(PDF) 1 Page - ON Semiconductor

Part # LV8402GP-TE-L-H
Description  2ch Forward/Reverse Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8402GP-TE-L-H Datasheet(HTML) 1 Page - ON Semiconductor

  LV8402GP-TE-L-H Datasheet HTML 1Page - ON Semiconductor LV8402GP-TE-L-H Datasheet HTML 2Page - ON Semiconductor LV8402GP-TE-L-H Datasheet HTML 3Page - ON Semiconductor LV8402GP-TE-L-H Datasheet HTML 4Page - ON Semiconductor LV8402GP-TE-L-H Datasheet HTML 5Page - ON Semiconductor LV8402GP-TE-L-H Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
82813NK 20130801-S00002/71812 SY/51811 SY 20110516-S00001 No.A1960-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
LV8402GP
Overview
LV8402GP is a 2ch forward/reverse motor driver IC using D-MOS FET for output stage. As MOS circuit is used, it
supports the PWM input. Its features are that the on resistance (0.75
Ω typ) and current dissipation are low.
It also provides protection functions such as heat protection circuit and reduced voltage detection and is optimal for the
motors that need high-current.
Functions
• 2ch forward/reverse motor driver.
• Built-in low voltage reset and thermal shutdown circuit.
• Low power consumption.
• 4 mode function forward/reverse, brake and standby.
• Low ON resistance 0.75Ω.
• Built-in charge pump.
• Built-in EXTRA mode for PWM port reduction when a motor drives by two phase excitation.
Specifications
Maximum Ratings at Ta = 25
°C, SGND = PGND = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage (for load)
VM max
-0.5 to 16.0
V
Power supply voltage (for control)
VCC max
-0.5 to 6.0
V
Output current
IO max
1.4
A
Output peak current
IO peak
t
≤ 10ms
2.5
A
Input voltage
VIN max
-0.5 to VCC+0.5
V
Allowable power dissipation
Pd max
Mounted on a specified board*
1050
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board: 40.0mm
× 50.0mm × 0.8mm, 4 Layer glass epoxy board.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Allowable Operating Conditions at Ta = 25
°C, SGND = PGND = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage (VM pin)
VM
Case except the start operation of the charge pump
circuit
1.5 to 15.0
V
Power supply voltage (VM pin)
VM
1.8 to 15.0
V
Power supply voltage (VCC pin)
VCC
2.8 to 5.5
V
Input signal voltage
VIN
0 to VCC
V
Input signal frequency
f max
200
kHz
Bi-CMOS IC
2ch Forward/Reverse Motor Driver
Ordering number : ENA1960B
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
ORDERING INFORMATION
See detailed ordering and shipping information on page 6 of this data sheet.


Similar Part No. - LV8402GP-TE-L-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8402GP SANYO-LV8402GP Datasheet
134Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8402GP SANYO-LV8402GP Datasheet
136Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8402GP SANYO-LV8402GP_12 Datasheet
136Kb / 6P
   2ch Forward/Reverse Motor Driver
More results

Similar Description - LV8402GP-TE-L-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8402V ONSEMI-LV8402V Datasheet
72Kb / 6P
   2ch Forward/Reverse Motor Driver
June, 2013
LV8406T ONSEMI-LV8406T Datasheet
97Kb / 6P
   2ch Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8402V SANYO-LV8402V_12 Datasheet
106Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8406T SANYO-LV8406T Datasheet
101Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8402GP SANYO-LV8402GP Datasheet
134Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8405V SANYO-LV8405V_11 Datasheet
127Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8402GP SANYO-LV8402GP_12 Datasheet
136Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8406T SANYO-LV8406T_12 Datasheet
129Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8402V SANYO-LV8402V Datasheet
102Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8406T SANYO-LV8406T_11 Datasheet
129Kb / 6P
   2ch Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com