Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5237JAZ-AH Datasheet(PDF) 3 Page - ON Semiconductor

Part # LV5237JAZ-AH
Description  9-channel LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5237JAZ-AH Datasheet(HTML) 3 Page - ON Semiconductor

  LV5237JAZ-AH Datasheet HTML 1Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 2Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 3Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 4Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 5Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 6Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 7Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 8Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LV5237JA
www.onsemi.com
3
Control circuit at Ta
 25C, VCC = 5.0V (=VREF)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
H level 1
VH1
Input H level OUTSCT
4.5
5.0
V
M level 1
VM1
Input M level OUTSCT
1.8
3.0
V
L level 1
VL1
Input L level OUTSCT
0.2
0.5
V
H level 2
VH2
Input H level CTLSCT
3.5
5.0
V
L level 2
VL2
Input L level CTLSCT
0.2
0.5
V
H level 3
VH3
Input H level SCLK, SDATA, SDEN
4.0
5.0
V
L level 3
VL3
Input L level SCLK, SDATA, SDEN
0.2
1.0
V
H level 4
VH4
Input H level A0 to A3
4.5
5.0
V
M level 4
VM4
Input H level A0 to A3
1.8
3.0
V
L level 4
VL4
Input L level A0 to A3
0.2
0.5
V
Electrical Characteristics at Ta
 25C, VCC = 3.3V (=VREF)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Consumption current
ICC2
LED off
1.6
mA
Reference current pin voltage
VRT
RT1=20k
1.14
1.22
1.30
V
MAX output current
IL
VO=0.7 to 4.0V(Same channel line regulation)
10
%
Between bits output current
IOL
IO=31.24mA (Between bits pairing
characteristics)
5%
Maximum LED driver output
current 1
IMAX1
RT1=20k
LED OUTSCT= L
31.24
mA
LED output on resistance 1
Ron1
IO = 10mA
10
20
OFF leak current
Ileak
LED OFF
10
A
Power on RESET voltage
VPOR
The voltage that is canceled
2.5
V
Reset voltage
VRST
UVLO voltage
2.3
V
VREF voltage
VREF
VREF=open
3.2
V
Oscillator frequency
Fosc
1000
kHz
Control circuit at Ta
 25C, VCC = 3.3V (=VREF)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
H level 1
VH1
Input H level OUTSCT
2.8
3.3
V
M level 1
VM1
Input M level OUTSCT
1.2
1.7
V
L level 1
VL1
Input L level OUTSCT
0.2
0.5
V
H level 2
VH2
Input H level CTLSCT
2.3
3.3
V
L level 2
VL2
Input L level CTLSCT
0.2
0.5
V
H level 3
VH3
Input H level SCLK, SDATA, SDEN
2.7
3.3
V
L level 3
VL3
Input L level SCLK, SDATA, SDEN
0.2
0.6
V
H level 4
VH4
Input H level A0 to A3
2.8
3.3
V
M level 4
VM4
Input H level A0 to A3
1.35
1.8
V
L level 4
VL4
Input L level A0 to A3
0.2
0.5
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - LV5237JAZ-AH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5230BG SANYO-LV5230BG Datasheet
242Kb / 28P
   7ch횞17ch LED Driver
LV5230LG SANYO-LV5230LG Datasheet
163Kb / 27P
   Dot-matrix LED Driver
LV5230LG SANYO-LV5230LG Datasheet
176Kb / 27P
   7ch x 17ch LED Driver
logo
ON Semiconductor
LV5230LG ONSEMI-LV5230LG Datasheet
161Kb / 27P
   7ch x 17ch LED Driver
August, 2013
logo
Sanyo Semicon Device
LV5230LG SANYO-LV5230LG_10 Datasheet
176Kb / 27P
   7ch x 17ch LED Driver
More results

Similar Description - LV5237JAZ-AH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
logo
ON Semiconductor
LV5234V ONSEMI-LV5234V Datasheet
347Kb / 24P
   9-channel LED Driver
March, 2014
logo
Marktech Corporate
TB62781FNG MARKTECH-TB62781FNG Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Integrated Silicon Solu...
IS31FL3193-DLS2-TR ISSI-IS31FL3193-DLS2-TR Datasheet
320Kb / 13P
   9-CHANNEL LIGHT EFFECT LED DRIVER
logo
Comchip Technology
TB62781FNG COMCHIP-TB62781FNG_15 Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Integrated Silicon Solu...
IS31FL3199 ISSI-IS31FL3199 Datasheet
372Kb / 16P
   9-CHANNEL LIGHT EFFECT LED DRIVER
logo
National Semiconductor ...
DS8973 NSC-DS8973 Datasheet
83Kb / 4P
   DS8973 9-Digit LED Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
[Old version datasheet]   Programmable 9-Output LED Driver
logo
Hitachi Semiconductor
HA13408 HITACHI-HA13408 Datasheet
43Kb / 8P
   9-Channel Power Driver
logo
ams AG
AS3665 AMSCO-AS3665 Datasheet
590Kb / 2P
   9 Channel Advanced Command Driven RGB/White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com