Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5237JAZ-AH Datasheet(PDF) 11 Page - ON Semiconductor

Part # LV5237JAZ-AH
Description  9-channel LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5237JAZ-AH Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LV5237JAZ-AH Datasheet HTML 7Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 8Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 9Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 10Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 11Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 12Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 13Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 14Page - ON Semiconductor LV5237JAZ-AH Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LV5237JA
www.onsemi.com
11
3) 2-wire serial bus transfer formats
LV5237JA receives the command by communication format by 2 line type serial communication of SCLK,
SDATA.
When SCLK stops in “L” level
When SCLK stops in “H” level
Data length
: 37bits
Start condition (“111111111”) + BLANK (“0”) + Slave address (8bit) + BLANK + (“0”) +
Resister address (8bit) + BLANK (“0”) + Data (8bit) + BLANK (“0”)
Clock frequency : 5MHz or less
After start detection, it takes SDATA in the timing when the 27th clock track of SCLK stands up when sign according
to communication format is input into SCLK and SDATA.
Note: When SCLK is less than 27th clock track, and BLANK is different from communication format such as “1”, after
start detection, do not take in SDATA.
When SCLK is higher than 28th clock track, start detection is confirmed, or it is automatic, and register address is
incremented every 1byte (8bit) + BLANK (“0”) unless BLANL is “1”.
Data organization
Even if SCLK and SDATA are state such as among standby or serial data inward correspondences, “111111111” start
assumption and BLANK”0” start the uptake atomic act of new serial data after detection (start detection) was
considered to be it.
After start detection, the first single byte (8bit) is assigned to slave address, and a write store of the slave address
completes it in BLANK”0”.
The next single byte appoints register address in the serial manufacturing auto protocol, and a write of the register
address is completed in BLANK”0”.
The third byte performs a data transfer to the address which it appointed in the register address which it wrote in at the
second byte and it complete data transfer in BLANK”0” and write in it. When data continues after this, register address
is automatically incremented after the fourth byte and a data transfer is completed each time and, in BLANK”0”, writes
in it.
Data Forward continuous from designated register address is enabled, but, as for the redirecting address of the next byte,
it is in this way with for “00h” when register address becomes “0fh”.
In addition, when serial data uptake BLANK is “1”, including slave address selection and register address assignment,
the single byte data just before it is ignored without being written in, and the subsequent data is ignored until it is
detected a start.
SDATA
1
1
1
1
1
1
1
1
1
0
bit
ST8 ST7 ST6 ST5 ST4 ST3 ST2 ST1 ST0 BL
Parameter
Start condition
B
L
A
N
K
0
-
SA7 SA6 SA5 SA4 SA3 SA2 SA1 SA0
Slave address
0
0
BL A7
A6
A5
A4
A3
A2
A1
A0
Register address
0
BL D7
D6
D5
D4
D3
D2
D1
D0
Data
0
BL
B
L
A
N
K
B
L
A
N
K
B
L
A
N
K


Similar Part No. - LV5237JAZ-AH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5230BG SANYO-LV5230BG Datasheet
242Kb / 28P
   7ch횞17ch LED Driver
LV5230LG SANYO-LV5230LG Datasheet
163Kb / 27P
   Dot-matrix LED Driver
LV5230LG SANYO-LV5230LG Datasheet
176Kb / 27P
   7ch x 17ch LED Driver
logo
ON Semiconductor
LV5230LG ONSEMI-LV5230LG Datasheet
161Kb / 27P
   7ch x 17ch LED Driver
August, 2013
logo
Sanyo Semicon Device
LV5230LG SANYO-LV5230LG_10 Datasheet
176Kb / 27P
   7ch x 17ch LED Driver
More results

Similar Description - LV5237JAZ-AH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
logo
ON Semiconductor
LV5234V ONSEMI-LV5234V Datasheet
347Kb / 24P
   9-channel LED Driver
March, 2014
logo
Marktech Corporate
TB62781FNG MARKTECH-TB62781FNG Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Integrated Silicon Solu...
IS31FL3193-DLS2-TR ISSI-IS31FL3193-DLS2-TR Datasheet
320Kb / 13P
   9-CHANNEL LIGHT EFFECT LED DRIVER
logo
Comchip Technology
TB62781FNG COMCHIP-TB62781FNG_15 Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Integrated Silicon Solu...
IS31FL3199 ISSI-IS31FL3199 Datasheet
372Kb / 16P
   9-CHANNEL LIGHT EFFECT LED DRIVER
logo
National Semiconductor ...
DS8973 NSC-DS8973 Datasheet
83Kb / 4P
   DS8973 9-Digit LED Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
[Old version datasheet]   Programmable 9-Output LED Driver
logo
Hitachi Semiconductor
HA13408 HITACHI-HA13408 Datasheet
43Kb / 8P
   9-Channel Power Driver
logo
ams AG
AS3665 AMSCO-AS3665 Datasheet
590Kb / 2P
   9 Channel Advanced Command Driven RGB/White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com