Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4109 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT4109
Description  3-Channel Constant-Current RGB LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4109 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT4109 Datasheet HTML 2Page - ON Semiconductor CAT4109 Datasheet HTML 3Page - ON Semiconductor CAT4109 Datasheet HTML 4Page - ON Semiconductor CAT4109 Datasheet HTML 5Page - ON Semiconductor CAT4109 Datasheet HTML 6Page - ON Semiconductor CAT4109 Datasheet HTML 7Page - ON Semiconductor CAT4109 Datasheet HTML 8Page - ON Semiconductor CAT4109 Datasheet HTML 9Page - ON Semiconductor CAT4109 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CAT4109, CAV4109
www.onsemi.com
7
Table 5. PIN DESCRIPTIONS
Name
Pin Number
Function
PGND
1
Power Ground.
GND
2
Ground Reference.
PWM3
3
PWM control input for LED3
PWM2
4
PWM control input for LED2
PWM1
5
PWM control input for LED1
RSET3
6
LED current set pin for LED3
RSET2
7
LED current set pin for LED2
RSET1
8
LED current set pin for LED1
LED3
9
LED channel 3 cathode terminal
LED2
10
LED channel 2 cathode terminal
LED1
11
LED channel 1 cathode terminal
NC
12
Not connected inside package
NC
13
Not connected inside package
NC
14
Not connected inside package
OE
15
Output Enable input pin
VDD
16
Device Supply pin
Pin Function
PGND is the power ground reference pin for the device.
This pin must be connected to the GND pin and to the ground
plane on the PCB.
GND is the ground reference pin for the entire device. This
pin must be connected to the ground plane on the PCB.
PWM1 to PWM3 are the control inputs respectively for
LED1, LED2 and LED3 channels. When PWMx are low, the
associated LED channels are turned off. When PWMx are
high, the corresponding channels are turned on, assuming
the OE input is also high. PWMx pins can not be left open
and must be set either to logic high or low.
RSET1 to RSET3 are the LED current set inputs. The
current pulled out of these pins will be mirrored in the
corresponding LED channel with a gain of 400.
LED1 to LED3 are the LED current sink inputs. These pins
are connected to the bottom cathodes of the LED strings.
The current sinks bias the LEDs with a current equal to 400
times the corresponding RSETx pin current. For the LED
sink to operate correctly the voltage on the LED pin must be
above 0.4 V. Each LED channel can withstand voltages up
to 25 V.
OE is the output enable input. When high, all LED channels
are enabled according to the state of their corresponding
PWMx control inputs. When low, all LED channels are
turned off. This pin can be used to turn all the LEDs off
independently of the state of the PWMx inputs. If the OE
stays low for a duration longer than tPWRDWN, the device
enters shutdown mode.
VDD is the positive supply pin voltage for the entire device.
A small 1
mF bypass ceramic capacitor is recommended
between VDD pin and ground near the device.


Similar Part No. - CAT4109

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4109 ONSEMI-CAT4109 Datasheet
163Kb / 12P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
March, 2010 ??Rev. 2
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
163Kb / 12P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
March, 2010 ??Rev. 2
More results

Similar Description - CAT4109

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
   3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
CAT4109 ONSEMI-CAT4109 Datasheet
163Kb / 12P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
March, 2010 ??Rev. 2
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
logo
List of Unclassifed Man...
MBI1009 ETC1-MBI1009 Datasheet
152Kb / 8P
   3-Channel RGB LED Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com