Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4106 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT4106
Description  6 W Quad Channel DC/DC LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4106 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT4106 Datasheet HTML 6Page - ON Semiconductor CAT4106 Datasheet HTML 7Page - ON Semiconductor CAT4106 Datasheet HTML 8Page - ON Semiconductor CAT4106 Datasheet HTML 9Page - ON Semiconductor CAT4106 Datasheet HTML 10Page - ON Semiconductor CAT4106 Datasheet HTML 11Page - ON Semiconductor CAT4106 Datasheet HTML 12Page - ON Semiconductor CAT4106 Datasheet HTML 13Page - ON Semiconductor CAT4106 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CAT4106
http://onsemi.com
10
Device Operation
In a typical application, the CAT4106 drives an LED array
consisting of up to four separate strings. A single external
resistor value is used to select the drive level in all output
channels. Each channel provides a very well regulated and
tightly matched bias current on all LED strings.
An integrated DC/DC boost converter is used to generate
the high voltage output required to power the LED strings.
Up to a maximum of 6 W of LED power can be delivered
when powered from a 12 V supply.
To offer improved performance, the device also allows the
user to set the operating voltage level on the output drive
channels. A pair of external resistors is used to control the
nominal channel voltage, during normal operation. The
resulting output voltage (LED anodes) will be equal to the
sum of the adjusted channel voltage plus the maximum
forward voltage present on any string.
The CAT4106 provides four tightly matched current sinks
to accurately regulate LED current in each channel. Up to
175 mA per channel can be programmed by selecting a
suitable value for the external R1 resistor (connected
between RSET and GND pins).
LED Current Setting
The CAT4106 provides four tightly matched current sinks
to accurately regulate LED current in each channel. The
LED current is set by the external resistor R1 connected
between the RSET pin and ground. The following formula
gives the relationship between the resistor value and the
LED current per channel.
R1
[ 103
1.2 V
LED current per channel
Table 6. RESISTOR R1 AND LED CURRENT
LED Current per Channel (mA)
R1 (
W)
10
12.4 k
20
6.19 k
30
4.12 k
50
2.49 k
100
1.24 k
150
820
Setting the Channel Voltage
Each LED channel typically requires less than 0.5 V of
headroom for full load operation. The lowest channel
operating voltage can be controlled and programmed via the
external resistor network connected between, CTRL, FB
and GND as shown in Figure 24.
Lowest LED pin voltage
+ V
FB
R2
) R3
R3
For most applications, a gain of 2x (R2 equals R3) is
recommended. The CTRL output pin has optimal
performance when loaded with around 15
mA, which
equates to an R3 resistor value of 20 k
W.
LED Detection
The CAT4106 detects failure conditions related to the
LED load, such as if one of the LED strings has been
disconnected (Open−LED) or if one LED string has a lower
LED pin voltage than expected (Short−LED). Either
condition is flagged by turning on the open−drain output on
the FAULT pin. The Open−LED detection is active in
normal operation. The Short−LED detection is only active
during power−up, just after the EN/PWM input goes from
low to high. If in normal operation (LEDs are in regulation)
a short−LED condition occurs, it will not be detected.
Figure 25. Cold Power−Up Short−LED Detection
Figure 26. Normal Operation Open−LED Detection
The test condition in Figure 25 is with one LED pin
shorted to the output (top LED anode). The test condition in
Figure 26 is with one LED pin floating or disconnected. In
both cases, the CAT4106 is set to drive 50 mA per channel.
Setting VFMIN Level (Short−LED)
The VFMIN level represents the minimum level expected
for the LED string voltage “window of operation”. This
voltage setting is based on the number of series LEDs being
used and the expected minimum forward voltage VF during
normal operation.
Example: Consider a string of 6 LEDs in series, with each
LED having a VF range of 3.5 V
± 0.5 V. Since the
minimum VF of each LED is 3.0 V the overall lowest
expected string voltage would be 18 V. Any string voltage
of less than 18 V is considered as a short−circuit fault in one
or more of the series LEDs.


Similar Part No. - CAT4106

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4106 ONSEMI-CAT4106 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
861Kb / 17P
   6W Quad Channel DC/DC LED Driver with Diagnostics
Doc. No. MD-5037, Rev. A
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106YP-T2 ONSEMI-CAT4106YP-T2 Datasheet
861Kb / 17P
   6W Quad Channel DC/DC LED Driver with Diagnostics
Doc. No. MD-5037, Rev. A
CAT4106YP-T2 ONSEMI-CAT4106YP-T2 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
More results

Similar Description - CAT4106

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4106 ONSEMI-CAT4106 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
861Kb / 17P
   6W Quad Channel DC/DC LED Driver with Diagnostics
Doc. No. MD-5037, Rev. A
logo
AIMTEC
AMEOR30-4864AZ AIMTEC-AMEOR30-4864AZ Datasheet
897Kb / 14P
   DC-DC LED driver
logo
Bel Fuse Inc.
RDT-6Y BEL-RDT-6Y Datasheet
787Kb / 7P
   6 W Isolated DC-DC Converter
15 December 2022
logo
HY-LINE Power Component...
P6A123R3S HY-LINE-P6A123R3S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6A-Series
Rev: 20180727 f
P6E123R3CS HY-LINE-P6E123R3CS Datasheet
581Kb / 5P
   6 W DC-DC Converter P6ExxxxCx-Series
Rev: 20211027 f
P6F243R3S HY-LINE-P6F243R3S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6L243R3CS HY-LINE-P6L243R3CS Datasheet
617Kb / 5P
   6 W DC-DC Converter P6L24xxCx-Series
Rev: 20211027 f
P6P243R3S HY-LINE-P6P243R3S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6P-Series
Rev: 01.17 f
P6E053R3SC HY-LINE-P6E053R3SC Datasheet
362Kb / 4P
   6 W DC-DC Converter P6E-Series
Rev: 20200206 f
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com