Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4106 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT4106
Description  6 W Quad Channel DC/DC LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4106 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT4106_14 Datasheet HTML 1Page - ON Semiconductor CAT4106_14 Datasheet HTML 2Page - ON Semiconductor CAT4106_14 Datasheet HTML 3Page - ON Semiconductor CAT4106_14 Datasheet HTML 4Page - ON Semiconductor CAT4106_14 Datasheet HTML 5Page - ON Semiconductor CAT4106_14 Datasheet HTML 6Page - ON Semiconductor CAT4106_14 Datasheet HTML 7Page - ON Semiconductor CAT4106_14 Datasheet HTML 8Page - ON Semiconductor CAT4106_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT4106
http://onsemi.com
3
Figure 2. CAT4106 EN/PWM Timing
EN/PWM
LED CURRENT
DEVICE
QUIESCENT CURRENT
SHUTDOWN
POWERDOWN
SHUTDOWN
DIMMING
100% BRIGHTNESS
TLEDSETUP
THI
TLO
TPWRDWN
Table 4. ELECTRICAL OPERATING CHARACTERISTICS
VIN = 5 V, VL (inductor drive voltage) = 12 V, TAMB = 25°C (over recommended operating conditions unless specified otherwise)
Symbol
Description
Conditions
Min
Typ
Max
Units
IQ
VIN Operating Current
Switching
(ILED = 30 mA)
Not Switching
(ILED = 30 mA)
Switching
(ILED = 60 mA)
Not Switching
(ILED = 60 mA)
2.5
2.0
3.4
2.9
3.5
3.0
4.4
3.9
mA
ISD
VIN input shutdown Current
VEN = 0 V
1
mA
VIH
VIL
REN
EN/PWM
Logic High Threshold
Logic Low Threshold
Internal Pull−Down Resistor
Device Enable Level
Disable/PWM Level
0.4
100
0.8
0.7
200
1.3
300
V
V
k
W
VUVLO
Undervoltage lockout (UVLO)
VIN pin voltage
2.0
V
TSD
Thermal Shutdown Threshold
150
_C
THYS
Thermal Hysteresis
20
_C
VRSET
RSET regulation voltage
10
mA < IRSET < 2 mA
1.17
1.20
1.23
V
ILED/IRSET
RSET to LED Current gain ratio
30 mA LED current
100
VDO
LED Channel Dropout Voltage
ILED = 175 mA
0.5
V
DILED
LED Channel Matching
0.5 V < VLED < 5 V
−5
±1
+5
%
ILED−OFF
LED Channel leakage
Channel is Off
1
mA
VVFMAX
O/C Detect voltage threshold
1.15
1.20
1.25
V
VVFMIN
S/C Detect voltage threshold
1.15
1.20
1.25
V
VCTRL
ICTRL
CTRL pin voltage accuracy
CTRL pin maximum load
Offset to Lowest LED output
− 0.1
25
0
+ 0.1
V
mA
IFAULT
Pull−down Drive Current
Open Drain Leakage Current
FAULT is Active (0.1 V bias)
FAULT is Inactive
1
2
1
mA
mA
VFB
IFB
FB Pin control voltage
FB pin input leakage current
Normal switching
mode regulation
285
300
315
1
mV
mA
FSW
ISWMAX
RSW
DCMAX
DCMIN
ISWLEAK
OVPSW
SW Pin
Switching Frequency
Switch Pin Current Limit
Switch Pin On−resistance
Maximum Duty Cycle
Minimum Duty Cycle
Switch Leakage Current
Over Voltage Protection Detect
ISW = 500 mA
Prior to Current Limiting
Prior to Pulse−Skipping
VSW = 20 V
Enters Low Power mode
0.7
0.8
1.0
1.0
1.0
96
5
40
1.3
5
MHz
A
W
%
%
mA
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - CAT4106_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
861Kb / 17P
   6W Quad Channel DC/DC LED Driver with Diagnostics
Doc. No. MD-5037, Rev. A
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106YP-T2 ONSEMI-CAT4106YP-T2 Datasheet
861Kb / 17P
   6W Quad Channel DC/DC LED Driver with Diagnostics
Doc. No. MD-5037, Rev. A
CAT4106YP-T2 ONSEMI-CAT4106YP-T2 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
More results

Similar Description - CAT4106_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4106 ONSEMI-CAT4106 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
861Kb / 17P
   6W Quad Channel DC/DC LED Driver with Diagnostics
Doc. No. MD-5037, Rev. A
logo
AIMTEC
AMEOR30-4864AZ AIMTEC-AMEOR30-4864AZ Datasheet
897Kb / 14P
   DC-DC LED driver
logo
Bel Fuse Inc.
RDT-6Y BEL-RDT-6Y Datasheet
787Kb / 7P
   6 W Isolated DC-DC Converter
15 December 2022
logo
HY-LINE Power Component...
P6A123R3S HY-LINE-P6A123R3S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6A-Series
Rev: 20180727 f
P6E123R3CS HY-LINE-P6E123R3CS Datasheet
581Kb / 5P
   6 W DC-DC Converter P6ExxxxCx-Series
Rev: 20211027 f
P6F243R3S HY-LINE-P6F243R3S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6L243R3CS HY-LINE-P6L243R3CS Datasheet
617Kb / 5P
   6 W DC-DC Converter P6L24xxCx-Series
Rev: 20211027 f
P6P243R3S HY-LINE-P6P243R3S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6P-Series
Rev: 01.17 f
P6E053R3SC HY-LINE-P6E053R3SC Datasheet
362Kb / 4P
   6 W DC-DC Converter P6E-Series
Rev: 20200206 f
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com