Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5061B-135 Datasheet(PDF) 3 Page - Keysight Technologies

Part # E5061B-135
Description  Network Analyzer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E5061B-135 Datasheet(HTML) 3 Page - Keysight Technologies

  E5061B-135 Datasheet HTML 1Page - Keysight Technologies E5061B-135 Datasheet HTML 2Page - Keysight Technologies E5061B-135 Datasheet HTML 3Page - Keysight Technologies E5061B-135 Datasheet HTML 4Page - Keysight Technologies E5061B-135 Datasheet HTML 5Page - Keysight Technologies E5061B-135 Datasheet HTML 6Page - Keysight Technologies E5061B-135 Datasheet HTML 7Page - Keysight Technologies E5061B-135 Datasheet HTML 8Page - Keysight Technologies E5061B-135 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
S-Parameter Measurement
Corrected system performance
The specifications in this section apply for measurements made with the Keysight
Technologies, Inc. E5061B network analyzer with the following conditions:
– No averaging applied to data
– Environmental temperature of 23 °C ± 5 °C, with less than 1 °C deviation from the
calibration temperature
– Response and isolation calibration not omitted
Table 1. System dynamic range 1,2
Description
Specification
SPD
System dynamic range
(Option 3L3/3L4/3L5)
100 kHz to 1 MHz, 3 kHz IF bandwidth
90 dB
1 MHz to 3 GHz, 3 kHz IF bandwidth
95 dB
5 to 100 Hz, 2Hz IF bandwidth
90 dB
100 Hz to 9 kHz,10 Hz IF bandwidth
100 dB
9 to 100 kHz, 10 Hz IF bandwidth
110 dB
100 kHz to 1 MHz, 10 Hz IF bandwidth
115 dB
1 MHz to 3 GHz, 10 Hz IF bandwidth
120 dB
130 dB
(Option 115, 135, 215, 235, 117, 137, 217, 237)
100 to 300 kHz, 3 kHz IF bandwidth
75 dB
300 kHz to 1 MHz, 3 kHz IF bandwidth
90 dB
1 MHz to 3 GHz, 3 kHz IF bandwidth
95 dB
100 to 300 kHz, 10 Hz IF bandwidth
100 dB
300 kHz to 1 MHz, 10 Hz IF bandwidth
115 dB
1 MHz to 3 GHz, 10 Hz IF bandwidth
120 dB
130 dB
1. The test port dynamic range is calculated as the difference between the test port rms noise floor and
the source maximum output power. The effective dynamic range must take measurement uncertainty
and interfering signals into account.
2. The specification might not be met at the frequencies 1.4 MHz, 4.0 MHz, 4.333 MHz, 6.167 MHz,
6.333 MHz, 25 MHz and 90 MHz.
03 | Keysight | E5061B Network Analyzer, 100 kHz to 1.5/3 GHz, 5 Hz to 500 M/1.5 G/3 GHz - Data Sheet


Similar Part No. - E5061B-135

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
E506001 BELDEN-E506001 Datasheet
250Kb / 2P
   Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
logo
Keysight Technologies
E5063A KEYSIGHT-E5063A Datasheet
3Mb / 23P
   ENA Series Network Analyzer
More results

Similar Description - E5061B-135

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
DA3600A JDSU-DA3600A Datasheet
505Kb / 6P
   Data Network Analyzer
logo
Agilent(Hewlett-Packard...
8757D HP-8757D Datasheet
296Kb / 14P
   Scalar Network Analyzer
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
logo
Keysight Technologies
E5071C KEYSIGHT-E5071C Datasheet
2Mb / 54P
   E5071C ENA Network Analyzer
E5063A KEYSIGHT-E5063A Datasheet
3Mb / 23P
   ENA Series Network Analyzer
logo
Analog Devices
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
logo
JDS Uniphase Corporatio...
DA3200-T1 JDSU-DA3200-T1 Datasheet
190Kb / 4P
   DA-3200 Data Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com