Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS3S4803SC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # NCS3S4803SC
Description  Isolated 3W 4:1 Input Single Output DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCS3S4803SC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  NCS3S4803SC Datasheet HTML 1Page - Murata Power Solutions Inc. NCS3S4803SC Datasheet HTML 2Page - Murata Power Solutions Inc. NCS3S4803SC Datasheet HTML 3Page - Murata Power Solutions Inc. NCS3S4803SC Datasheet HTML 4Page - Murata Power Solutions Inc. NCS3S4803SC Datasheet HTML 5Page - Murata Power Solutions Inc. NCS3S4803SC Datasheet HTML 6Page - Murata Power Solutions Inc. NCS3S4803SC Datasheet HTML 7Page - Murata Power Solutions Inc. NCS3S4803SC Datasheet HTML 8Page - Murata Power Solutions Inc. NCS3S4803SC Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCS3 Series
Isolated 3W 4:1 Input Single Output DC/DC Converters
KDC_NCS3_B01 Page 2 of 10
All enquiries: www.murata-ps.com/support
www.murata-ps.com
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection (for SELV input voltages)
Continuous
Control pin input current
8mA
Lead temperature 1.0mm from case for 10 seconds (to JEDEC JESD22-B106 ISS C)
260°C
Input voltage, NCS3 12V input types
40V
Input voltage, NCS3 24V input types
80V
SWITCHING FREQUENCY
Parameter
Conditions
Min.
Typ.
Max.
Units
NCS3S1203SC
12V input types
10% Load
1200
kHz
100% Load
280
24V input types
10% Load
1620
100% Load
460
NCS3S1205SC
12V input types
10% Load
1200
kHz
100% Load
270
24V input types
10% Load
1690
100% Load
490
NCS3S1212SC
12V input types
10% Load
1220
kHz
100% Load
310
24V input types
10% Load
1680
100% Load
570
NCS3S1215SC
12V input types
10% Load
1130
kHz
100% Load
310
24V input types
10% Load
1580
100% Load
570
NCS3S4803SC
24V input types
10% Load
1020
kHz
100% Load
270
48V input types
10% Load
1440
100% Load
450
NCS3S4805SC
24V input types
10% Load
1190
kHz
100% Load
260
48V input types
10% Load
1590
100% Load
470
NCS3S4812SC
24V input types
10% Load
1180
kHz
100% Load
1570
48V input types
10% Load
310
100% Load
560
NCS3S4815SC
24V input types
10% Load
1180
kHz
100% Load
330
48V input types
10% Load
1590
100% Load
610
APPLICATION NOTES
Recommended Input Capacitor and Maximum Output Capacitance
Output Voltage
MaximumLoad Capacitance
VμF
3.3
470
5
470
12
220
15
110
A 10 μF output capacitor is recommended for stability under all operating conditions. Maximum output capacitance should not exceed:


Similar Part No. - NCS3S4803SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS3S4803SC MURATA-PS-NCS3S4803SC Datasheet
374Kb / 12P
   Isolated 3W 4:1 Input Single Output DC-DC Converters
2022
More results

Similar Description - NCS3S4803SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
   Isolated 3W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NCS6 MURATA-PS-NCS6 Datasheet
135Kb / 6P
   Isolated 6W 4:1 Input Single Output DC/DC Converters
NCS1 MURATA-PS-NCS1 Datasheet
301Kb / 8P
   Isolated 1W 4:1 Input Single Output DC/DC Converters
logo
Murata Manufacturing Co...
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
   1kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-3W TOPPOWER-TPL-3W Datasheet
613Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEV3 MURATA-PS-MEV3 Datasheet
129Kb / 5P
   3kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2S TOPPOWER-TP2S Datasheet
631Kb / 3P
   3W 1KVDC Isolated Single Output DC/DC Converters
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com