Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS3S1203SC Datasheet(PDF) 10 Page - Murata Power Solutions Inc.

Part # NCS3S1203SC
Description  Isolated 3W 4:1 Input Single Output DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCS3S1203SC Datasheet(HTML) 10 Page - Murata Power Solutions Inc.

Back Button NCS3S1203SC Datasheet HTML 2Page - Murata Power Solutions Inc. NCS3S1203SC Datasheet HTML 3Page - Murata Power Solutions Inc. NCS3S1203SC Datasheet HTML 4Page - Murata Power Solutions Inc. NCS3S1203SC Datasheet HTML 5Page - Murata Power Solutions Inc. NCS3S1203SC Datasheet HTML 6Page - Murata Power Solutions Inc. NCS3S1203SC Datasheet HTML 7Page - Murata Power Solutions Inc. NCS3S1203SC Datasheet HTML 8Page - Murata Power Solutions Inc. NCS3S1203SC Datasheet HTML 9Page - Murata Power Solutions Inc. NCS3S1203SC Datasheet HTML 10Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NCS3 Series
Isolated 3W 4:1 Input Single Output DC/DC Converters
KDC_NCS3_B01 Page 10 of 10
All enquiries: www.murata-ps.com/support
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2015 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
Single
1-VIN
2+VIN
3
Control
6+VOUT
70V
8
N/C
TUBE OUTLINE DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
All dimensions in millimetres (inches) ± 0.5 (0.020) except pin to pin tolerance ±0.25 (0.010).
All pins on a 2.54 (0.100) pitch and within 0.25 (0.010) of true position.
Weight: 4.4g
All dimensions in mm (inches) ±0.25 (± 0.010).
21.95 [0.864] MAX
9.45 [0.372] MAX
11.25 [0.443] MAX
4.10±0.50
[0.161±0.020]
0.50±0.05
[0.020±0.002]
2.60
1.67
[0.102
0.066
]
2.87
2.13
[0.113
0.084
]
17.78 [0.700]
8
2
17
6
3
0.40 [0.016] MIN
2.54 [0.100]
0.25±0.05 [0 .010±0.002]
2.54 [0.100]
2.54 [0.100]
0.1
x6 HOLES
Ø
1.15
1.00
[Ø0.045
0.039
]
All dimensions in inches ±0.01 (mm ±0.5mm).
Tube length : 20.47±0.079 (520mm ±2mm).
Tube Quantity : 23


Similar Part No. - NCS3S1203SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS3S1203SC MURATA-PS-NCS3S1203SC Datasheet
374Kb / 12P
   Isolated 3W 4:1 Input Single Output DC-DC Converters
2022
More results

Similar Description - NCS3S1203SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
   Isolated 3W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NCS6 MURATA-PS-NCS6 Datasheet
135Kb / 6P
   Isolated 6W 4:1 Input Single Output DC/DC Converters
NCS1 MURATA-PS-NCS1 Datasheet
301Kb / 8P
   Isolated 1W 4:1 Input Single Output DC/DC Converters
logo
Murata Manufacturing Co...
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
   1kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-3W TOPPOWER-TPL-3W Datasheet
613Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEV3 MURATA-PS-MEV3 Datasheet
129Kb / 5P
   3kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2S TOPPOWER-TP2S Datasheet
631Kb / 3P
   3W 1KVDC Isolated Single Output DC/DC Converters
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com