Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN1045UFR4 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN1045UFR4
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1045UFR4 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN1045UFR4 Datasheet HTML 1Page - Diodes Incorporated DMN1045UFR4 Datasheet HTML 2Page - Diodes Incorporated DMN1045UFR4 Datasheet HTML 3Page - Diodes Incorporated DMN1045UFR4 Datasheet HTML 4Page - Diodes Incorporated DMN1045UFR4 Datasheet HTML 5Page - Diodes Incorporated DMN1045UFR4 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN1045UFR4
Document number: DS37303 Rev. 2 - 2
3 of 6
www.diodes.com
October 2014
© Diodes Incorporated
DMN1045UFR4
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
1
2
3
4
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
V
GS = 1.8V
V
GS = 2.5V
V
GS = 3.0V
V
GS = 4.0V
V
GS = 8.0V
V
GS = 3.5V
V
GS = 4.5V
V
GS = 1.5V
V
GS = 1.2V
0
1
2
3
4
5
0.4
0.6
0.8
1
1.2
1.4
1.6
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2 Typical Transfer Characteristic
V
DS = 5V
-55oC
25oC
85oC
125oC
150oC
0.02
0.024
0.028
0.032
0.036
0.04
0.044
0.048
0.052
0.056
0.06
1
2
3
4
5
6
7
8
9
10
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs Drain Current
and Gate Voltage
0.01
0.03
0.05
0.07
0.09
0.11
0
1
2
3
4
5
6
7
8
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4 Typical Transfer Characteristic
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (°
C)
Figure 6 On-Resistance Variation with Temperature
V
GS=2.5V, ID=3.2A
V
GS=1.5V, ID=100mA
V
GS=1.8V, ID=1.0A
V
GS=4.5V, ID=3.2A
0.015
0.018
0.021
0.024
0.027
0.03
0.033
0.036
0.039
0.042
0
1
2
3
4
5
6
7
8
9
10
I
D, DRAIN CURRENT (A)
Figure 5 Typical On-Resistance vs
Drain Current and Temperature
V
GS= 4.5V
VGS=1.8V
VGS=2.5V
VGS=4.5V
ID=1.0A
ID=3.2A
Ave RDS(ON) (R)@150°C
Ave RDS(ON) (R)@125°C
Ave RDS(ON) (R)@85°C
Ave RDS(ON) (R)@25°C
Ave RDS(ON) (R)@-55°C


Similar Part No. - DMN1045UFR4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1045UFR4 DIODES-DMN1045UFR4_15 Datasheet
451Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN1045UFR4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com