Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGJ2D242005SC Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # MGJ2D242005SC
Description  5.2kVDC Isolated 2W Gate Drive DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MGJ2D242005SC Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

  MGJ2D242005SC Datasheet HTML 1Page - Murata Power Solutions Inc. MGJ2D242005SC Datasheet HTML 2Page - Murata Power Solutions Inc. MGJ2D242005SC Datasheet HTML 3Page - Murata Power Solutions Inc. MGJ2D242005SC Datasheet HTML 4Page - Murata Power Solutions Inc. MGJ2D242005SC Datasheet HTML 5Page - Murata Power Solutions Inc. MGJ2D242005SC Datasheet HTML 6Page - Murata Power Solutions Inc. MGJ2D242005SC Datasheet HTML 7Page - Murata Power Solutions Inc. MGJ2D242005SC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MGJ2 Series
5.2kVDC Isolated 2W Gate Drive DC/DC Converters
KDC_MGJ2_D01 Page 8 of 8
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2016 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin Output
Pin
Function
1
+VIN
2-VIN
5-VOUT
6OV
7+VOUT
TUBE OUTLINE DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
Weight: 4.3g
6.00
(0.236)
5.00 (0.197)
5.20 (0.205)
1.50 (0.059)
0.6±0.15
14.20 (0.559)
(0.024±0.006)
Unless otherwise stated all dimensions in mm ±0.5mm (inches ±0.02).
Tube length : 20.669±0.079 (525mm±2mm).
Tube Quantity : 25
19.65 [0.774] MAX
10.05 [0.396] MAX
2.93
2.13
[0.115
0.084
]
2.95
1.62
[0.116
0.064
]
2
0.50 [0.020]±0.05
4.10±0.50 [0.161±0.020]
12.65 [0.498] MAX
2.54 [0.100]
15.24 [0.600]
0.25 [0.010]±0.05
1
5
6
7
All dimensions in mm ±0.25mm (inches ±0.01). All pins on a 2.54 (0.1) pitch and within
±0.25 (0.01) of true position.
2.54 [0.100]
2.54 [0.100]
x5 HOLES Ø
1.15
1.00
[Ø0.045
0.039
]
All dimensions in mm ±0.25mm (inches ±0.01).


Similar Part No. - MGJ2D242005SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ2D242005BSC MURATA-PS-MGJ2D242005BSC Datasheet
2Mb / 22P
   5.4kVDC Isolated 2W Gate Drive DC-DC Converters
2023
More results

Similar Description - MGJ2D242005SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
   5.2kVDC Isolated 2W DC/DC Converters
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
   5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
MGJ3 MURATA-PS-MGJ3 Datasheet
1Mb / 10P
   5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
MGJ2 MURATA-PS-MGJ2_V01 Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX Datasheet
379Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX_V01 Datasheet
365Kb / 5P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com