Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGJ2D241509SC Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # MGJ2D241509SC
Description  5.2kVDC Isolated 2W Gate Drive DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MGJ2D241509SC Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  MGJ2D241509SC Datasheet HTML 1Page - Murata Power Solutions Inc. MGJ2D241509SC Datasheet HTML 2Page - Murata Power Solutions Inc. MGJ2D241509SC Datasheet HTML 3Page - Murata Power Solutions Inc. MGJ2D241509SC Datasheet HTML 4Page - Murata Power Solutions Inc. MGJ2D241509SC Datasheet HTML 5Page - Murata Power Solutions Inc. MGJ2D241509SC Datasheet HTML 6Page - Murata Power Solutions Inc. MGJ2D241509SC Datasheet HTML 7Page - Murata Power Solutions Inc. MGJ2D241509SC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MGJ2 Series
5.2kVDC Isolated 2W Gate Drive DC/DC Converters
KDC_MGJ2_D01 Page 4 of 8
www.murata-ps.com/support
NEGATIVE OUTPUT VOLTAGE TOLERANCE ENVELOPES
MGJ2D051509SC, MGJ2D052005SC & MGJ2D121505SC, MGJ2D-
122005SC, MGJ2D152005SC & MGJ2D242005SC
MGJ2D151505SC
MGJ2D121509SC & MGJ2D241509SC
MGJ2D051505SC
MGJ2D151509SC & MGJ2D241505SC
MGJ2D051515SC, MGJ2D121515SC & MGJ2D151515SC
Output Load Current (%)
100
75
50
25
10
Output Load Current (%)
100
75
50
25
10
100
75
50
25
10
Output Load Current (%)
Output Load Current (%)
100
75
50
25
10
Output Load Current (%)
100
75
50
25
10
7%
3%
2%
-4%
8%
6%
4%
0%
5%
3%
1%
-4%
4%
1%
1%
-6%
6%
3%
2%
-3%
Output Load Current (%)
100
75
50
25
10
6%
3%
1%
-4%


Similar Part No. - MGJ2D241509SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ2D241509BSC MURATA-PS-MGJ2D241509BSC Datasheet
2Mb / 22P
   5.4kVDC Isolated 2W Gate Drive DC-DC Converters
2023
More results

Similar Description - MGJ2D241509SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
   5.2kVDC Isolated 2W DC/DC Converters
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
   5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
MGJ3 MURATA-PS-MGJ3 Datasheet
1Mb / 10P
   5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
MGJ2 MURATA-PS-MGJ2_V01 Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX Datasheet
379Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX_V01 Datasheet
365Kb / 5P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com