Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGJ6T24150505MC Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # MGJ6T24150505MC
Description  5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MGJ6T24150505MC Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

Back Button MGJ6T24150505MC Datasheet HTML 2Page - Murata Power Solutions Inc. MGJ6T24150505MC Datasheet HTML 3Page - Murata Power Solutions Inc. MGJ6T24150505MC Datasheet HTML 4Page - Murata Power Solutions Inc. MGJ6T24150505MC Datasheet HTML 5Page - Murata Power Solutions Inc. MGJ6T24150505MC Datasheet HTML 6Page - Murata Power Solutions Inc. MGJ6T24150505MC Datasheet HTML 7Page - Murata Power Solutions Inc. MGJ6T24150505MC Datasheet HTML 8Page - Murata Power Solutions Inc. MGJ6T24150505MC Datasheet HTML 9Page - Murata Power Solutions Inc. MGJ6T24150505MC Datasheet HTML 10Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MGJ6 Series
5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
KDC_MGJ6C.E01 Page 8 of 10
www.murata-ps.com/support
EMC FILTERING AND SPECTRA
FILTERING
TO MEET CURVE B
Part Number
C1
L1
L2
C2
C3
R1
C4
MGJ6T05150505MC
3.3μF
47100SC
10nF
10nF
500mΩ
470μF
MGJ6T12150505MC
3.3μF
47100SC
10nF
10nF
500mΩ
470μF
MGJ6T24150505MC
3.3μF
47100SC
10nF
10nF
500mΩ
470μF
MGJ6T05150505MC
MGJ6T12150505MC
MGJ6T24150505MC
0
10
20
30
40
50
60
70
80
90
100
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
The following filter circuit and filter table shows the input filters typically required to meet EN55022 Quasi-PeakCurve A or B.
C1, C2 & C3 Polyester or ceramic capacitor
C4
Electrolytic capacitor (note R1 could be omitted if C4 has ESR >= R1)


Similar Part No. - MGJ6T24150505MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
446Kb / 19P
   5.7kVDC Isolated 6W Gate Drive SIP/DIP DC-DC Converters
2022
MGJ6D051505DC MURATA-PS-MGJ6D051505DC Datasheet
446Kb / 19P
   5.7kVDC Isolated 6W Gate Drive SIP/DIP DC-DC Converters
2022
MGJ6D051505SC MURATA-PS-MGJ6D051505SC Datasheet
446Kb / 19P
   5.7kVDC Isolated 6W Gate Drive SIP/DIP DC-DC Converters
2022
MGJ6D051510DC MURATA-PS-MGJ6D051510DC Datasheet
446Kb / 19P
   5.7kVDC Isolated 6W Gate Drive SIP/DIP DC-DC Converters
2022
MGJ6D051510SC MURATA-PS-MGJ6D051510SC Datasheet
446Kb / 19P
   5.7kVDC Isolated 6W Gate Drive SIP/DIP DC-DC Converters
2022
More results

Similar Description - MGJ6T24150505MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ3 MURATA-PS-MGJ3 Datasheet
1Mb / 10P
   5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
MGJ2 MURATA-PS-MGJ2 Datasheet
214Kb / 8P
   5.2kVDC Isolated 2W Gate Drive DC/DC Converters
MGJ1 MURATA-PS-MGJ1 Datasheet
508Kb / 23P
   5.7kVDC Isolated 1W SM Gate Drive DC-DC Converters
2021
MGJ2 MURATA-PS-MGJ2_V01 Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
MGN1 MURATA-PS-MGN1 Datasheet
997Kb / 21P
   3kVAC Isolated 1W SM GaN Gate Drive DC-DC Converters
logo
Murata Manufacturing Co...
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
   5.2kVDC Isolated 2W DC/DC Converters
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com