Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGJ2D151509SC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # MGJ2D151509SC
Description  5.2kVDC Isolated 2W Gate Drive DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MGJ2D151509SC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  MGJ2D151509SC Datasheet HTML 1Page - Murata Power Solutions Inc. MGJ2D151509SC Datasheet HTML 2Page - Murata Power Solutions Inc. MGJ2D151509SC Datasheet HTML 3Page - Murata Power Solutions Inc. MGJ2D151509SC Datasheet HTML 4Page - Murata Power Solutions Inc. MGJ2D151509SC Datasheet HTML 5Page - Murata Power Solutions Inc. MGJ2D151509SC Datasheet HTML 6Page - Murata Power Solutions Inc. MGJ2D151509SC Datasheet HTML 7Page - Murata Power Solutions Inc. MGJ2D151509SC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MGJ2 Series
5.2kVDC Isolated 2W Gate Drive DC/DC Converters
KDC_MGJ2_D01 Page 3 of 8
www.murata-ps.com/support
POSITIVE OUTPUT VOLTAGE TOLERANCE ENVELOPES
The voltage tolerance envelopes show typical load regulation characteristics for this product series. The tolerance envelope is the maximum output voltage variation due to
changes in output loading and set point accuracy.
MGJ2D051505SC, MGJ2D051509SC, MGJ2D151505SC
& MGJ2D151509SC
MGJ2D122005SC, MGJ2D152005SC & MGJ2D242005SC
MGJ2D121509SC, MGJ2D241509SC & MGJ2D052005SC
MGJ2D121505SC & MGJ2D241505SC
MGJ2D051515SC, MGJ2D121515SC & MGJ2D151515SC
Output Load Current (%)
100
75
50
25
10
Output Load Current (%)
100
75
50
25
10
100
75
50
25
10
Output Load Current (%)
Output Load Current (%)
100
75
50
25
10
4%
2%
1%
-4%
3%
2%
-1%
-5%
5%
3%
2%
-3%
4%
1%
0%
-7%
100
75
50
25
10
6%
3%
1%
-4%
Output Load Current (%)


Similar Part No. - MGJ2D151509SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ2D151509BSC MURATA-PS-MGJ2D151509BSC Datasheet
2Mb / 22P
   5.4kVDC Isolated 2W Gate Drive DC-DC Converters
2023
MGJ2D151509MPC MURATA-PS-MGJ2D151509MPC Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
More results

Similar Description - MGJ2D151509SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
   5.2kVDC Isolated 2W DC/DC Converters
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
   5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
MGJ3 MURATA-PS-MGJ3 Datasheet
1Mb / 10P
   5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
MGJ2 MURATA-PS-MGJ2_V01 Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX Datasheet
379Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX_V01 Datasheet
365Kb / 5P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com