Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGJ6 Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # MGJ6
Description  5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MGJ6 Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button MGJ6 Datasheet HTML 2Page - Murata Power Solutions Inc. MGJ6 Datasheet HTML 3Page - Murata Power Solutions Inc. MGJ6 Datasheet HTML 4Page - Murata Power Solutions Inc. MGJ6 Datasheet HTML 5Page - Murata Power Solutions Inc. MGJ6 Datasheet HTML 6Page - Murata Power Solutions Inc. MGJ6 Datasheet HTML 7Page - Murata Power Solutions Inc. MGJ6 Datasheet HTML 8Page - Murata Power Solutions Inc. MGJ6 Datasheet HTML 9Page - Murata Power Solutions Inc. MGJ6 Datasheet HTML 10Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MGJ6 Series
5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
KDC_MGJ6C.E01 Page 7 of 10
www.murata-ps.com/support
DERATING GRAPHS
Derating curves are based on IPC-9592. With no derating some components may be operating at the manufacturers maximum temperature ratings.
MGJ6T05150505MC
MGJ6T12150505MC
MGJ6T24150505MC
0
10
20
30
40
50
60
70
80
90
100
70
75
80
85
90
95
100
105
110
Temperature (°C)
4.5Vin & 5Vin still air
9Vin still air
4.5Vin, 5Vin & 9Vin 100lfm
4.5Vin & 5Vin 200lfm
9Vin 200lfm
4.5Vin, 5Vin & 9Vin 400lfm
0
10
20
30
40
50
60
70
80
90
100
70
75
80
85
90
95
100
105
110
Temperature (°C)
9Vin & 12Vin still air
18Vin still air
9Vin 100lfm
12Vin & 18Vin 100lfm
9Vin & 12Vin 200lfm
18Vin 200lfm
9Vin, 12Vin & 18Vin 400lfm
0
10
20
30
40
50
60
70
80
90
100
70
75
80
85
90
95
100
105
110
Temperature(°C)
18Vin & 24Vin still air
36Vin still air
18Vin 100lfm
24Vin 100lfm
36Vin 100lfm
18Vin & 24Vin 200lfm /
36Vin 400lfm
36Vin 200lfm
18Vin & 24Vin 400lfm


Similar Part No. - MGJ6

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
446Kb / 19P
   5.7kVDC Isolated 6W Gate Drive SIP/DIP DC-DC Converters
2022
MGJ6D051505DC MURATA-PS-MGJ6D051505DC Datasheet
446Kb / 19P
   5.7kVDC Isolated 6W Gate Drive SIP/DIP DC-DC Converters
2022
MGJ6D051505SC MURATA-PS-MGJ6D051505SC Datasheet
446Kb / 19P
   5.7kVDC Isolated 6W Gate Drive SIP/DIP DC-DC Converters
2022
MGJ6D051510DC MURATA-PS-MGJ6D051510DC Datasheet
446Kb / 19P
   5.7kVDC Isolated 6W Gate Drive SIP/DIP DC-DC Converters
2022
MGJ6D051510SC MURATA-PS-MGJ6D051510SC Datasheet
446Kb / 19P
   5.7kVDC Isolated 6W Gate Drive SIP/DIP DC-DC Converters
2022
More results

Similar Description - MGJ6

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ3 MURATA-PS-MGJ3 Datasheet
1Mb / 10P
   5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
MGJ2 MURATA-PS-MGJ2 Datasheet
214Kb / 8P
   5.2kVDC Isolated 2W Gate Drive DC/DC Converters
MGJ1 MURATA-PS-MGJ1 Datasheet
508Kb / 23P
   5.7kVDC Isolated 1W SM Gate Drive DC-DC Converters
2021
MGJ2 MURATA-PS-MGJ2_V01 Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
MGN1 MURATA-PS-MGN1 Datasheet
997Kb / 21P
   3kVAC Isolated 1W SM GaN Gate Drive DC-DC Converters
logo
Murata Manufacturing Co...
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
   5.2kVDC Isolated 2W DC/DC Converters
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com