Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2377PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2377PW
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2377PW Datasheet(HTML) 2 Page - Texas Instruments

  TPS2377PW Datasheet HTML 1Page - Texas Instruments TPS2377PW Datasheet HTML 2Page - Texas Instruments TPS2377PW Datasheet HTML 3Page - Texas Instruments TPS2377PW Datasheet HTML 4Page - Texas Instruments TPS2377PW Datasheet HTML 5Page - Texas Instruments TPS2377PW Datasheet HTML 6Page - Texas Instruments TPS2377PW Datasheet HTML 7Page - Texas Instruments TPS2377PW Datasheet HTML 8Page - Texas Instruments TPS2377PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
AVAILABLE OPTIONS
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
(1)
TPS2375
TPS2376
TPS2377
SLVS525A – APRIL 2004 – REVISED SEPTEMBER 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
UVLO THRESHOLDS (NOMINAL)
PACKAGE(1)
TA
MARKING
TYPE
LOW
HIGH
SO-8
TSSOP-8
802.3af
30.5 V
39.3 V
TPS2375D
TPS2375PW
2375
-40
°C to 85°C
Adjustable
1.93 V
2.49 V
TPS2376D
TPS2376PW
2376
Legacy
30.5 V
35.1 V
TPS2377D
TPS2377PW
2377
(1)
Add an R suffix to thedevice type for tape and reel.
over operating free-air temperature range (unless otherwise noted) (1), voltages are referenced to V
(VSS)
TPS237x
VDD, RTN, DET, PG(2)
-0.3 V to 100 V
Voltage
ILIM, UVLO
-0.3 V to 10 V
CLASS
-0.3 V to 12 V
RTN(3)
0 to 515 mA
Current, sinking
PG
0 to 5 mA
DET
0 to 1 mA
CLASS
0 to 50 mA
Current, sourcing
ILIM
0 to 1 mA
Human body model
2 kV
ESD
Charged device model
500 V
System level (contact/air) at RJ-45(4)
8/15 kV
TJ
Maximum junction temperature range
Internally limited
Tstg
Storage temperature range
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds - Green Packages
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds - Nongreen Packages
235
°C
(1)
Stresses beyond those listedunder “absolute maximum ratings” may cause permanent damage to thedevice. These are stress ratings
only, and functional operation of the deviceat these or any other conditions beyond those indicated under“recommended operating
conditions” is not implied. Exposure toabsolute–maximum–rated conditions for extended periods may affectdevice reliability.
(2)
I(RTN) = 0
(3)
SOA limited to V(RTN) = 80 Vand I(RTN) = 515 mA.
(4)
Surges applied to RJ-45 ofFigure 1 between pins of RJ-45,and between pins and output voltage rails per EN61000-4-2,1999.
POWER RATING
θ
JA (LOW-K)
θ
JA (HIGH-K)
(HIGH-K)
PACKAGE
°C/W
°C/W
TA = 85°C
mW
D (SO-8)
238
150
266
PW (TSSOP-8)
258.5
159
251
(1)
Tested per JEDEC JESD51.High-K is a (2 signal – 2 plane) test board and low-K is a double
sidedboard with minimum pad area and natural convection.
2


Similar Part No. - TPS2377PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2377PW TI-TPS2377PW Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWG4 TI-TPS2377PWG4 Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWRG4 TI-TPS2377PWRG4 Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
More results

Similar Description - TPS2377PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2375-1 TI1-TPS2375-1_17 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com