Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGJ2D051505SC Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # MGJ2D051505SC
Description  5.2kVDC Isolated 2W Gate Drive DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MGJ2D051505SC Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  MGJ2D051505SC Datasheet HTML 1Page - Murata Power Solutions Inc. MGJ2D051505SC Datasheet HTML 2Page - Murata Power Solutions Inc. MGJ2D051505SC Datasheet HTML 3Page - Murata Power Solutions Inc. MGJ2D051505SC Datasheet HTML 4Page - Murata Power Solutions Inc. MGJ2D051505SC Datasheet HTML 5Page - Murata Power Solutions Inc. MGJ2D051505SC Datasheet HTML 6Page - Murata Power Solutions Inc. MGJ2D051505SC Datasheet HTML 7Page - Murata Power Solutions Inc. MGJ2D051505SC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MGJ2 Series
5.2kVDC Isolated 2W Gate Drive DC/DC Converters
KDC_MGJ2_D01 Page 6 of 8
www.murata-ps.com/support
APPLICATION NOTES
Minimum load
The minimum load to meet datasheet specification is 10% of the full rated load across the specified input voltage range. Lower than 10% minimum loading will result in
an increase in output voltage, which may rise to typically 1.25 times the specified output voltage if the output load falls to less than 5%.
Capacitive loading and start up
Typical start up times for this series, with a typical input voltage rise time of 2.2μs and output capacitance of 10μF, are shown in the table below. The product
series will start into capacitance ranging from 47μF up to 220μF with increased start times.
Ripple & Noise Characterisation Method
Ripple and noise measurements are performed with the following test configuration.
C1
1μF X7R multilayer ceramic capacitor, voltage rating to be a minimum of 3 times the output voltage of the DC/DC converter
C2
10μF tantalum capacitor, voltage rating to be a minimum of 1.5 times the output voltage of the DC/DC converter with an ESR of less
than 100mΩ at 100 kHz
C3
100nF multilayer ceramic capacitor, general purpose
R1
450Ω resistor, carbon film, ±1% tolerance
R2
50Ω BNC termination
T1
3T of the coax cable through a ferrite toroid
RLOAD
Resistive load to the maximum power rating of the DC/DC converter. Connections should be made via twisted wires
Measured values are multiplied by 10 to obtain the specified values.
Differential Mode Noise Test Schematic
Start-up time
ms
MGJ2D051505SC
3.3
MGJ2D051509SC
4.5
MGJ2D051515SC
20.84
MGJ2D052005SC
5.4
MGJ2D121505SC
3.2
MGJ2D121509SC
4
MGJ2D121515SC
14.54
MGJ2D122005SC
5.5
MGJ2D151505SC
2.5
MGJ2D151509SC
3
MGJ2D151515SC
10.48
MGJ2D152005SC
4.5
MGJ2D241505SC
2.7
MGJ2D241509SC
3
MGJ2D242005SC
4.2
Typical Start-Up Wave Form
OSCILLOSCOPE
Y INPUT
SUPPLY
C1 C2 C3
R1
T1
R2
Input
Output
DC/DC Converter
R LOAD
+
+
-
-


Similar Part No. - MGJ2D051505SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ2D051505BSC MURATA-PS-MGJ2D051505BSC Datasheet
2Mb / 22P
   5.4kVDC Isolated 2W Gate Drive DC-DC Converters
2023
MGJ2D051505MPC4 MURATA-PS-MGJ2D051505MPC4 Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
More results

Similar Description - MGJ2D051505SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
   5.2kVDC Isolated 2W DC/DC Converters
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
   5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
MGJ3 MURATA-PS-MGJ3 Datasheet
1Mb / 10P
   5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
MGJ2 MURATA-PS-MGJ2_V01 Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX Datasheet
379Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX_V01 Datasheet
365Kb / 5P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com