Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9846PWJ Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9846PWJ
Description  4-channel ultra-low voltage, Fm I2C-bus switch with reset
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9846PWJ Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9846PWJ Datasheet HTML 4Page - NXP Semiconductors PCA9846PWJ Datasheet HTML 5Page - NXP Semiconductors PCA9846PWJ Datasheet HTML 6Page - NXP Semiconductors PCA9846PWJ Datasheet HTML 7Page - NXP Semiconductors PCA9846PWJ Datasheet HTML 8Page - NXP Semiconductors PCA9846PWJ Datasheet HTML 9Page - NXP Semiconductors PCA9846PWJ Datasheet HTML 10Page - NXP Semiconductors PCA9846PWJ Datasheet HTML 11Page - NXP Semiconductors PCA9846PWJ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
PCA9846
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 9 November 2015
8 of 32
NXP Semiconductors
PCA9846
4-channel ultra-low voltage, Fm+ I2C-bus switch with reset
6.2.2 Device ID (PCA9846 ID field)
The Device ID field is a 3-byte read-only (24 bits) word giving the following information:
12 bits with the manufacturer name, unique per manufacturer (for example, NXP).
9 bits with the part identification, assigned by manufacturer.
3 bits with the die revision, assigned by manufacturer (for example, Rev X).
The Device ID is read-only, hardwired in the device and can be accessed as follows:
1. START command
2. The master sends the Reserved Device ID I2C-bus address followed by the R/W bit
set to 0 (write): ‘1111 1000’.
3. The master sends the I2C-bus slave address of the slave device it needs to identify.
The LSB is a ‘Don’t care’ value. Only one device must acknowledge this byte (the one
that has the I2C-bus slave address).
4. The master sends a Re-START command.
Remark: A STOP command followed by a START command will reset the slave state
machine and the Device ID read cannot be performed. Also, a STOP command or a
Re-START command followed by an access to another slave device will reset the
slave state machine and the Device ID Read cannot be performed.
5. The master sends the Reserved Device ID I2C-bus address followed by the R/W bit
set to 1 (read): ‘1111 1001’.
6. The Device ID Read can be done, starting with the 12 manufacturer bits (first byte +
4 MSB of the second byte), followed by the 9 part identification bits (4 LSBs of the
second byte + 5 MSBs of the third byte), and then the 3 die revision bits (3 LSBs of
the third byte).
7. The master ends the reading sequence by NACKing the last byte, thus resetting the
slave device state machine and allowing the master to send the STOP command.
Remark: The reading of the Device ID can be stopped anytime by sending a NACK
command.
If the master continues to ACK the bytes after the third byte, the slave rolls back to the
first byte and keeps sending the Device ID sequence until a NACK has been
detected.
For the PCA9846, the Device ID is shown in Figure 8.
Fig 8.
PCA9846 Device ID field
0
aaa-017527
0
0
1
0
0
0
0
1
0
1
0
0
0
0
0
0
0
0
revision
1
0
0
0
0
part identification
manufacturer


Similar Part No. - PCA9846PWJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9847 NXP-PCA9847 Datasheet
427Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9847BS NXP-PCA9847BS Datasheet
427Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9847BSJ NXP-PCA9847BSJ Datasheet
427Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9847PW NXP-PCA9847PW Datasheet
427Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9847PWJ NXP-PCA9847PWJ Datasheet
1Mb / 31P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-9 November 2015
More results

Similar Description - PCA9846PWJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9848 NXP-PCA9848 Datasheet
430Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.0 - 16 May 2023
PCA9848PW NXP-PCA9848PW Datasheet
369Kb / 26P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.1 - 23 October 2023
PCA9848BS NXP-PCA9848BS Datasheet
385Kb / 26P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.2 - 23 October 2023
PCA9848PWJ NXP-PCA9848PWJ Datasheet
1,018Kb / 32P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 1-15 December 2014
PCA9849PWJ NXP-PCA9849PWJ Datasheet
968Kb / 30P
   4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-16 November 2015
PCA9849 NXP-PCA9849 Datasheet
449Kb / 27P
   4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9847 NXP-PCA9847 Datasheet
427Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9847PWJ NXP-PCA9847PWJ Datasheet
1Mb / 31P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-9 November 2015
PCA9546A NXP-PCA9546A Datasheet
147Kb / 25P
   4-channel I2C-bus switch with reset
Rev. 05-2 July 2009
logo
Nuvoton Technology Corp...
NCT5946Y NUVOTON-NCT5946Y Datasheet
936Kb / 25P
   4-channel I2C-bus switch with reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com