Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPM15-120-Q12 Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # BPM15-120-Q12
Description  Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

BPM15-120-Q12 Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button BPM15-120-Q12 Datasheet HTML 5Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 6Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 7Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 8Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 9Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 10Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 11Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 12Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 13Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
BPM15 Series
Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
MDC_BPM15.A02 Page 9 of 29
www.murata-ps.com/support
PERFORMANCE DATA, BPM15-120-Q12
Efficiency vs. Line Voltage and Load Current @ +25°C
Power Dissipation vs. Line Voltage and Load Current @ +25°C
Maximum Current Temperature Derating at Sea Level
(VIN = 9V, airflow is from pin 1 to pin 4)
Maximum Current Temperature Derating at Sea Level
(VIN = 12V, airflow is from pin 1 to pin 4)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.06
0.13
0.19
0.25
0.31
0.38
0.44
0.50
0.57
0.63
Vin=9V
Vin=12V
Vin=24V
Vin=36V
Output Load C urre nt (Amps)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
30
35
40
45
50
55
60
65
70
75
80
85
0.33 m/s (65 LFM)
0.5 m/s (100 LFM)
1.0 m/s (200 LFM)
1.5 m/s (300 LFM)
2.0 m/s (400 LFM)
Ambient Temperature (ºC)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
30
35
40
45
50
55
60
65
70
75
80
85
0.33 m/s (65 LFM)
0.5 m/s (100 LFM)
1.0 m/s (200 LFM)
1.5 m/s (300 LFM)
2.0 m/s (400 LFM)
Ambient Temperature (ºC)
65
67
69
71
73
75
77
79
81
83
85
0.06
0.13
0.19
0.25
0.31
0.38
0.44
0.50
0.57
0.63
Vin=9V
Vin=12V
Vin=24V
Vin=36V
Load C urre nt (Amps)


Similar Part No. - BPM15-120-Q12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BPM15-120-Q12 MURATA-PS-BPM15-120-Q12 Datasheet
1Mb / 30P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
2021
More results

Similar Description - BPM15-120-Q12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com