Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPM15-120-Q12 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # BPM15-120-Q12
Description  Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

BPM15-120-Q12 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  BPM15-120-Q12 Datasheet HTML 1Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 2Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 3Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 4Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 5Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 6Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 7Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 8Page - Murata Power Solutions Inc. BPM15-120-Q12 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
BPM15 Series
Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
MDC_BPM15.A02 Page 4 of 29
www.murata-ps.com/support
OUTPUT
Conditions
➀ ➂
Minimum
Typical/Nominal
Maximum
Units
Total Output Power
1.48
15
15.15
W
Voltage
Nominal Output Voltage
No trim
±4.95
±5
±5.05
Vdc
Setting Accuracy
At 50% load, no trim
±1
% of Vnom
Overvoltage Protection
Via magnetic feedback
5.6
6.5
7
Vdc
Current
Output Current Range
±0.15
±1.5
±1.5
A
Current Limit Inception
98% of Vnom., after warmup
±1.65
±2.8
±3.3
A
Short Circuit
Short Circuit Current
Hiccup technique, autorecovery within
±1.25% of Vout
0.3
A
Short Circuit Duration (remove short
for recovery)
Output shorted to ground, no damage
Continuous
Short circuit protection method
Current limiting
Regulation
Line Regulation
Vin = min. to max., Vout = nom., Iout = nom.
±0.25
% of Vout
Load Regulation
Iout = min. to max., Vin = 24V
±0.25
% of Vout
Ripple and Noise
5 Hz - 20 MHz BW, Vin = 24V
60
100
mV pk-pk
Maximum Capacitive Loading
Low ESR, 0.02 Ω max
520
μF
MECHANICAL
Outline Dimensions
1 x 1 x 0.40
Inches
(Please refer to outline drawing)
WxLxH
25.4 x 25.4 x 10.16
mm
Weight
0.69
Ounces
19.56
Grams
Through Hole Pin Diameter
0.04
Inches
1.016
mm
Through Hole Pin Material
Copper alloy
TH Pin Plating Metal and Thickness
Nickel subplate
50
μ-inches
Gold overplate
5
μ-inches
ENVIRONMENTAL
Operating Ambient Temperature Range
See derating
-40
85
°C
Operating Case Temperature Range
No derating
-40
93
°C
Case Material
Tin plated steel with black powder coat
Storage Temperature
Vin = Zero (no power)
-55
125
°C
Thermal Protection/Shutdown
Measured in center
120
130
140
°C
Electromagnetic Interference
External filter is required
Conducted, EN55022/CISPR22
B
Class
RoHS rating
RoHS-6
FUNCTIONAL SPECIFICATIONS, BPM15-050-Q12 (CONT.)
Notes
➀ Unless otherwise noted, all specifications are at nominal input voltage, nominal output voltage and
full load. General conditions are +25˚ Celsius ambient temperature, near sea level altitude, natural
convection airflow. All models are tested and specified with external parallel 1 μF and 10 μF output
capacitors. The external input capacitor is 100 μF, electrolytic.
➁ Input (back) ripple current is tested and specified over 5 Hz to 20 MHz bandwidth. Input filtering is
Cbus = 220 μF, Cin = 33 μF and Lbus = 12 μH.
➂ The Remote On/Off Control is referred to -Vin.


Similar Part No. - BPM15-120-Q12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BPM15-120-Q12 MURATA-PS-BPM15-120-Q12 Datasheet
1Mb / 30P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
2021
More results

Similar Description - BPM15-120-Q12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com