Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2623IN Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2623IN
Description  FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2623IN Datasheet(HTML) 5 Page - Texas Instruments

  TLV2623IN Datasheet HTML 1Page - Texas Instruments TLV2623IN Datasheet HTML 2Page - Texas Instruments TLV2623IN Datasheet HTML 3Page - Texas Instruments TLV2623IN Datasheet HTML 4Page - Texas Instruments TLV2623IN Datasheet HTML 5Page - Texas Instruments TLV2623IN Datasheet HTML 6Page - Texas Instruments TLV2623IN Datasheet HTML 7Page - Texas Instruments TLV2623IN Datasheet HTML 8Page - Texas Instruments TLV2623IN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TLV2620, TLV2621
TLV2622, TLV2623
TLV2624, TLV2625
SLOS251D – DECEMBER 2000 – REVISED JANUARY 2005
at specified free-air temperature, V
DD = 2.7 V, 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP
MAX
UNIT
DC PERFORMANCE
25
°C
250
3500
VIO
Input offset voltage
µV
VIC = VDD/2, VO = VDD/2,
Full range
4500
RS = 50 Ω
Temperature coefficient of
α
VIO
25
°C
3
µV/
°C
input offset voltage
25
°C
77
98
VDD = 2.7 V
Full range
63
VIC = 1 to VDD,
CMRR
Common-mode rejection ratio
dB
RS = 50 Ω
25
°C
78
99
VDD = 5 V
Full range
75
25
°C
90
100
VDD = 2.7 V, RL = 2 kΩ,
VO(PP) = 1.7 V
Full range
82
Large-signal differential voltage
AVD
dB
amplification
25
°C
95
100
VDD = 5 V, RL = 2 kΩ,
VO(PP) = 4 V
Full range
90
INPUT CHARACTERISTICS
25
°C
2
50
IIO
Input offset current
Full Range
100
VIC = VDD/2, VO = VDD/2,
pA
RS = 50Ω
25
°C
2
50
IIB
Input bias current
Full Range
200
ri(d)
Differential input resistance
25
°C
100
G
Common-mode input
Ci(c)
f = 1 kHz
25
°C
8
pF
capacitance
OUTPUT CHARACTERISTICS
25
°C
2.6
2.67
VDD = 2.7 V
Full range
2.55
VIC = VDD/2,
IOH = -1 mA
25
°C
4.95
4.98
VDD = 5 V
Full range
4.9
VOH
High-level output voltage
V
25
°C
2.3
2.43
VDD = 2.7 V
Full range
2.2
VIC = VDD/2,
IOH = -10 mA
25
°C
4.7
4.8
VDD = 5 V
Full range
4.6
25
°C
0.03
0.1
VDD = 2.7 V
Full range
0.15
VIC = VDD/2,
IOL = 1 mA
25
°C
0.025
0.05
VDD = 5 V
Full range
0.1
VOL
Low-level output voltage
V
25
°C
0.26
0.4
VDD = 2.7 V
Full range
0.45
VIC = VDD/2,
IOL = 10 mA
25
°C
0.2
0.25
VDD = 5 V
Full range
0.35
Sourcing
14
VDD = 2.7 V,
VO = 0.5 V from rail
Sinking
19
IO
Output current
25
°C
mA
Sourcing
28
VDD = 5 V,
VO = 0.5 V from rail
Sinking
28
VDD = 2.7 V
50
Sourcing
VDD = 5 V
95
IOS
Short-circuit output current
25
°C
mA
VDD = 2.7 V
50
Sinking
VDD = 5 V
95
(1)
Full range is -40
°C to 125°C for the I-suffix.
5


Similar Part No. - TLV2623IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2623IDGS TI-TLV2623IDGS Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2623IDGSG4 TI-TLV2623IDGSG4 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2623IDGSR TI-TLV2623IDGSR Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2623IDGSRG4 TI-TLV2623IDGSRG4 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2623IDR TI-TLV2623IDR Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2623IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2620 TI-TLV2620_07 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2632 TI-TLV2632 Datasheet
794Kb / 24P
[Old version datasheet]   FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com