Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100503240001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100503240001
Description  M 1,27 SRC P, 8-polig BA1
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100503240001 Datasheet(HTML) 1 Page - ERNI Electronics

  100503240001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
0,1 mm
330
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 650 Stück
Verpackt im Gurt in Anlehnung an DIN IEC 60286-3
Packaging unit: 650 pcs
2,93
1,5 -0,03
Leiterplatten-Layout für SMT
PCB-Layout for SMT
Kontaktbezeichnung bei Pin 1
contact marking at pin 1
1,27
1,2
0,3
-0,03
±0,03
13,31 ±0,03
2,21
1,6
0,8
7 x 1,27 = 8,89
Pos. 1
12
100503240001
5:1
A3
Designation
M 1,27 SRC P, 8-polig BA1
SRCP
contact one of the ERNI companies
Class
Information:
Tolerances
Scale
All Dimensions
www.ERNI.com
in mm
Index
d
before using.
version of this drawing, please
Drawing will not be updated.
K
23.03.2016
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
±0,03
13,31
12
15,24
11
5,6
1,27
7 x 1,27 = 8,89
Ansaughaube
hood
Kontaktbezeichnung
contact marking
13,14


Similar Part No. - 100503240001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100503200037 ERNI-100503200037 Datasheet
40Kb / 1P
   F 2.54 SRC-A, 2-polig BA 2
100503200040 ERNI-100503200040 Datasheet
78Kb / 1P
   Federkontakte 2,54 SRC-A BA1
100503200051 ERNI-100503200051 Datasheet
109Kb / 1P
   F 2,54 DRC-B, 20-polig
100503210039 ERNI-100503210039 Datasheet
66Kb / 1P
   M 1,27 SRC P, 8-polig BA1
100503210040 ERNI-100503210040 Datasheet
36Kb / 1P
   Codierleiste M
More results

Similar Description - 100503240001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100503210039 ERNI-100503210039 Datasheet
66Kb / 1P
   M 1,27 SRC P, 8-polig BA1
284699 ERNI-284699 Datasheet
61Kb / 1P
   M 1,27 SRC P, 8-polig BA1
100300100005 ERNI-100300100005 Datasheet
66Kb / 1P
   M 1,27 SRC P, 8-polig BA1
284698 ERNI-284698 Datasheet
63Kb / 1P
   M 1,27 SRC P, 6-polig BA1
100902780004 ERNI-100902780004 Datasheet
66Kb / 1P
   M 1,27 SRC P, 6-polig BA1
294920 ERNI-294920 Datasheet
63Kb / 1P
   M 1,27 SRC P, 12-polig BA1
284696 ERNI-284696 Datasheet
62Kb / 1P
   M 1,27 SRC P, 3-polig BA1
100103600001 ERNI-100103600001 Datasheet
65Kb / 1P
   M 1,27 SRC P, 6-polig BA1
100103210046 ERNI-100103210046 Datasheet
59Kb / 1P
   M 1,27 SRC P, 2-polig BA1
284695 ERNI-284695 Datasheet
61Kb / 1P
   M 1,27 SRC P, 2-polig BA1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com