Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33HB2001FK Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MC33HB2001FK
Description  Motor Driver Product Selector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC33HB2001FK Datasheet(HTML) 1 Page - NXP Semiconductors

  MC33HB2001FK Datasheet HTML 1Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Robust,
Reliable
Performance
OVERVIEW
Motor types that most effectively meet the requirements
for high efficiency include AC induction motors (ACIM),
permanent magnet synchronous motors (PMSM), brushless
DC motors (BLDC) and switched reluctance motors (SR).
However, brushed DC motors are still used extensively and
benefit from more efficient drive circuitry.
Supporting a broad portfolio of microcontrollers (MCUs) for
motion control, NXP’s analog and mixed signal portfolio
addresses applications for continuous operation in harsh
environments/applications where high reliability is desired.
The analog and mixed signal portfolio for these
applications includes low voltage products designed for
both commercial and industrial battery applications and
medium voltage and gate drivers for automotive and
industrial applications. These designs use NXP’s unique
SMARTMOS technology.
BENEFITS OF SMARTMOS TECHNOLOGY
}
Cost-effective high-voltage (110 V) power analog
embedded system process platform
}
Low RDS(on)*A (30 mΩ–mm2) for thermal efficiency in
high-current applications
}
High precision for sensor interface integrated with
power applications
}
Advanced isolation capability (-40 V) and robust system
transient ESD/EMC immunity
}
Low-power devices to reduce overall system power
consumption
}
Extreme temperature operation for harsh application
environments (-40 to +175°C)
For system designers who want more efficient motor operation with variable
speed and sensorless control, NXP offers H-bridge, brushed and brushless DC
motor drivers required to complete system design.
Motor Driver Product Selector


Similar Part No. - MC33HB2001FK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
   10 A H-Bridge, SPI programmable brushed DC motor driver
Rev. 6.0-3 May 2016
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
More results

Similar Description - MC33HB2001FK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP6041-I-SN MICROCHIP-MCP6041-I-SN Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1017-3.3VCTTR MICROCHIP-TC1017-3.3VCTTR Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC620 MICROCHIP-TC620 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Panasonic Semiconductor
ASFN30770 PANASONIC-ASFN30770 Datasheet
859Kb / 17P
   Fan Motor Selector Chart
02/2006
logo
Microchip Technology
TC4428AEJA MICROCHIP-TC4428AEJA Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide Thermal Management ??Motor Driver ??Interface Peripherals Power Management ??Linear & Mixed Signal ??Safety & Security
11/29/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com