Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33HB2001FK Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MC33HB2001FK
Description  10 A H-Bridge, SPI programmable brushed DC motor driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC33HB2001FK Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MC33HB2001FK Datasheet HTML 7Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 8Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 9Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 10Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 11Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 12Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 13Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 14Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
NXP Semiconductors
MC33HB2001
10 A H-Bridge, SPI programmable brushed DC motor driver
MC33HB2001
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved
Data sheet: Advance information
Rev. 6.0 — 3 May 2016
11 / 48
lower the voltage drop from battery to VPWR pins. The CCP pin can be used to bias the
gate of an N-channel FET, provided the bias current requirement is less than 20 μA. In
Figure 22, the NPN transistor is used for fast response of the N-Channel FET during turn-
off.
8.3.2 Digital I/Os characteristics
Table 7. Digital I/Os characteristics
VPWR = 5.0 V to 28 V, TJ = −40 °C to 150 °C, unless otherwise specified.
Symbol
Parameter
Min.
Max.
Unit
DIGITAL INPUTS
VIH_X
Input high-voltage
2.0
V
VIL_X
Input low-voltage
0.8
V
VHYS_X
Input voltage threshold hysteresis
100
mV
RPD_X
Input pull-down resistance—MOSI, SCLK, ENBL, IN1, IN2
40
175
RPU_X
DIS, CS_B Input pull-up resistance to 5.0 V
40
175
CIN
Input capacitance
12
pF
DIGITAL OUTPUTS
VOH_X
MISO output high-voltage, with −1.0 mA
0.8 × VDDQ
V
VOL_X
MISO output low-voltage, with 1.0 mA
0.4
V
IMISO_LK
MISO tri-state leakage current
−10
10
μA
VOL_FS_B
FS_B low-voltage, with 1.0 mA
0.4
V
RPU_FS_B
FS_B output pull-up resistance to 5.0 V
100
500
9 General IC functional description and application information
9.1 Introduction
The 33HB2001 is a programmable H-Bridge, power integrated circuit (IC) designed to
drive DC motors or bi-directional solenoid controlled actuators, such as throttle control or
exhaust gas recirculation actuators. It is particularly well suited for the harsh environment
found in automotive power train systems. The 33HB2001 is designed to specifically
address the ISO 26262 safety standard requirements. The key characteristic of this
versatile driver is configurability. The selectable slew rate permits the customer to choose
the slew rate needed for performance and noise suppression. The Serial Peripheral
Interface (SPI) allows the system microprocessor to clear the fault register, select a
programmable current limit, and select the slew rate.
The 33HB2001 is designed to drive a bi-directional DC motor using pulse-width
modulation (PWM) for speed and torque control. A current mirror output provides an
analog feedback signal proportional to the load current. SPI diagnostic reporting includes,
open load, short-to-battery, short-to-ground, die temperature range, overvoltage, and
undervoltage.


Similar Part No. - MC33HB2001FK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33HB2001FK NXP-MC33HB2001FK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
More results

Similar Description - MC33HB2001FK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33HB2000 NXP-MC33HB2000 Datasheet
3Mb / 51P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
MC33HB2001 NXP-MC33HB2001 Datasheet
2Mb / 48P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
MC33HB2002 NXP-MC33HB2002 Datasheet
3Mb / 47P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 5 ??17 April 2020
logo
STMicroelectronics
L9960 STMICROELECTRONICS-L9960 Datasheet
1Mb / 95P
   Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
February 2021 Rev 10
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
   SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
logo
Texas Instruments
DRV8870 TI1-DRV8870_16 Datasheet
1Mb / 25P
[Old version datasheet]   Brushed DC Motor Driver
logo
M.S. Kennedy Corporatio...
MSK4250 MSK-MSK4250 Datasheet
321Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4251S MSK-MSK4251S Datasheet
268Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com