Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33HB2001FK Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MC33HB2001FK
Description  10 A H-Bridge, SPI programmable brushed DC motor driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC33HB2001FK Datasheet(HTML) 5 Page - NXP Semiconductors

  MC33HB2001FK Datasheet HTML 1Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 2Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 3Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 4Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 5Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 6Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 7Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 8Page - NXP Semiconductors MC33HB2001FK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
NXP Semiconductors
MC33HB2001
10 A H-Bridge, SPI programmable brushed DC motor driver
MC33HB2001
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved
Data sheet: Advance information
Rev. 6.0 — 3 May 2016
5 / 48
Symbol 32-pin SOICW 32-pin PQFN
Pin
function
Definition
ENBL
2
7
D_In
When ENBL is logic HIGH, the H-Bridge is operational.
When ENBL is logic LOW, the H-Bridge outputs are tri-
stated and placed in Sleep mode.
DIS
3
8
D_In
When DIS is logic HIGH, both OUT1 and OUT2 are tri-
stated
IN2
4
9
D_In
Logic input control of OUT2
IN1
5
10
D_In
Logic input control of OUT1
CFB
6
11
A_Out
The load current feedback output provides ground
referenced 0.25 % of the high-side output current.
FS_B
7
18
D_Out
Open drain active LOW status flag output
VPWR
8, 9, 24, 25
12, 13, 29, 30
Supply
These pins must be connected together physically as
close as possible and directly soldered down to a wide,
thick, low resistance supply plane on the PCB.
OUT1
10, 11
14, 15
A_Out
Source of HS1 and drain of LS1
12, 13, 14, 20,
21
16, 17, 19, 25,
26
NC
No connection to die or substrate
PGND
15, 16, 17, 18
20, 21, 22, 23
GND
Power ground for OUT1 and OUT2[1]
OUT2
22, 23
27, 28
A_Out
Source of HS2 and drain of LS2
CCP
26
31
A_Out
External reservoir capacitor connection for the internal
charge pump; connected to VPWR
CS_B
27
32
D_In
SPI control chip select bar input pin
VDDQ
28
1
Supply
Logic level bias
MISO
29
2
D_Out
Provides digital data from HB2001 to the MCU
SCLK
30
3
D_In
SPI control clock input pin
MOSI
31
4
D_In
SPI control data input pin from MCU
DGND
32
5
GND
Ground for logic[1]
EP
EP
EP
GND
Thermal exposed pad – connected to substrate[1]
[1]
All PGND, AGND, DGND and EP pins must be connected together with very low-impedance on the PCB.
7.3 Functional pin description
7.3.1 Logic bias input (VDDQ)
VDDQ supplies a level shifted bias voltage for the logic level outputs designed to be
read by the microprocessor/microcontroller. This pin applies the logic supply voltage to
MISO making the output logic levels compliant to logic systems from 3.3 V to 5.0 V. See
Section 10.3 "VDDQ digital output supply voltage" for more details.
7.3.2 Supply voltage (VPWR)
VPWR is the power supply input for the H-Bridge. The input voltage range with full
performance is from 8.0 V to 28 V. In either case, the maximum allowable transient


Similar Part No. - MC33HB2001FK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33HB2001FK NXP-MC33HB2001FK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
More results

Similar Description - MC33HB2001FK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33HB2000 NXP-MC33HB2000 Datasheet
3Mb / 51P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
MC33HB2001 NXP-MC33HB2001 Datasheet
2Mb / 48P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
MC33HB2002 NXP-MC33HB2002 Datasheet
3Mb / 47P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 5 ??17 April 2020
logo
STMicroelectronics
L9960 STMICROELECTRONICS-L9960 Datasheet
1Mb / 95P
   Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
February 2021 Rev 10
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
   SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
logo
Texas Instruments
DRV8870 TI1-DRV8870_16 Datasheet
1Mb / 25P
[Old version datasheet]   Brushed DC Motor Driver
logo
M.S. Kennedy Corporatio...
MSK4250 MSK-MSK4250 Datasheet
321Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4251S MSK-MSK4251S Datasheet
268Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com