Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1047-2-AIZL-TR Datasheet(PDF) 10 Page - SMSC Corporation

Part # EMC1047-2-AIZL-TR
Description  1째C Multiple Temperature Sensor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1047-2-AIZL-TR Datasheet(HTML) 10 Page - SMSC Corporation

Back Button EMC1047-2-AIZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1047-2-AIZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1047-2-AIZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1047-2-AIZL-TR Datasheet HTML 9Page - SMSC Corporation EMC1047-2-AIZL-TR Datasheet HTML 10Page - SMSC Corporation EMC1047-2-AIZL-TR Datasheet HTML 11Page - SMSC Corporation EMC1047-2-AIZL-TR Datasheet HTML 12Page - SMSC Corporation EMC1047-2-AIZL-TR Datasheet HTML 13Page - SMSC Corporation EMC1047-2-AIZL-TR Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
1°C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
Datasheet
Revision 0.69 (06-29-09)
10
SMSC EMC1046/EMC1047
DATASHEET
2.3
SMBus Electrical Characteristics
Standby Supply Current
ISTBY
200
uA
RUN / STOP bit set. Monitoring
disabled.
Internal Temperature Monitor
Temperature Accuracy
±0.25
±1
°C
0°C < TA < 100°C
±2
°C
-40°C < TA < 125°C
Temperature Resolution
0.125
°C
External Temperature Monitor
Temperature Accuracy
±0.25
±1
°C
+40°C < TDIODE < +110°C
0°C < TA < 110°C
±0.5
±2
°C
-40°C < TDIODE < 127°C
Temperature Resolution
0.125
°C
Conversion Time all
Channels
tCONV
190
ms
default settings
Capacitive Filter
CFILTER
2.2
2.7
nF
Connected across external diode
Resistance Error
Correction
RSERIES
100
Ω
In series with DP and DN lines
Leakage Current
ILEAK
±5
uA
powered or unpowered
TA < 85°C
Power Up Timing
First conversion ready
tCONV_f
300
ms
Time after power up before all
channels updated with valid data
SMBus delay
tSMB_d
15
ms
Delay before SMBus
communications should be sent by
host
Table 2.3 SMBus Electrical Specifications
VDD = 3.0V to 3.6V, TA = -40°C to 125°C, all typical values are at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
SMBus Interface
Input High Voltage
VIH
2.0
VDD
V
5V Tolerant
Input Low Voltage
VIL
-0.3
0.8
V
5V Tolerant
Input High/Low Current
IIH / IIL
±5
uA
Powered or unpowered
TA < 85°C
Hysteresis
420
mV
Table 2.2 Electrical Specifications (continued)
VDD = 3.0V to 3.6V, TA = -40°C to 125°C, all typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS


Similar Part No. - EMC1047-2-AIZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1047-1-AIZL SMSC-EMC1047-1-AIZL Datasheet
574Kb / 36P
   1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
More results

Similar Description - EMC1047-2-AIZL-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1043 SMSC-EMC1043_08 Datasheet
443Kb / 29P
   1째C Triple Temperature Sensor
EMC1438 SMSC-EMC1438 Datasheet
866Kb / 48P
   1째C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
EMC1063 SMSC-EMC1063_08 Datasheet
410Kb / 26P
   1째C Triple Temperature Sensor
EMC1053 SMSC-EMC1053_08 Datasheet
437Kb / 28P
   1째C Triple Temperature Sensor
EMC1183 SMSC-EMC1183 Datasheet
539Kb / 48P
   Triple Channel 1째C Temperature Sensor
EMCT03 SMSC-EMCT03_05 Datasheet
385Kb / 16P
   1째C Triple SMBus Temperature Sensor
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
   1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
logo
Microchip Technology
EMC1428 MICROCHIP-EMC1428 Datasheet
564Kb / 53P
   1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
10/28/13
logo
SMSC Corporation
EMC1428 SMSC-EMC1428 Datasheet
764Kb / 47P
   1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com