Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1184 Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1184 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1184 Datasheet HTML 4Page - SMSC Corporation EMC1184 Datasheet HTML 5Page - SMSC Corporation EMC1184 Datasheet HTML 6Page - SMSC Corporation EMC1184 Datasheet HTML 7Page - SMSC Corporation EMC1184 Datasheet HTML 8Page - SMSC Corporation EMC1184 Datasheet HTML 9Page - SMSC Corporation EMC1184 Datasheet HTML 10Page - SMSC Corporation EMC1184 Datasheet HTML 11Page - SMSC Corporation EMC1184 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
EMC1184
10
9
8
7
6
SMDATA
SMCLK
1
2
3
4
5
ALERT / THERM2
VDD
DP1
DN1
DN2 / DP3
DP2 / DN3
THERM / ADDR
GND
Exposed
pad
Quad Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
8
SMSC EMC1184
DATASHEET
Chapter 2 Pin Description
Figure 2.1 EMC1184 Pin Diagram DFN-10
Table 2.1 EMC1184 Pin Description
PIN NUMBER
NAME
FUNCTION
TYPE
1
VDD
Power supply
Power
2
DP1
External diode 1 positive (anode) connection
AIO
3
DN1
External diode 1 negative (cathode) connection
AIO
4DP2 / DN3
External diode 2 positive (anode) connection /
External Diode 3 negative (cathode) connection
for anti-parallel diodes
AIO
5
DN2 / DP3
External diode 2 negative (cathode) connection /
External Diode 3 positive (anode) connection for
anti-parallel diodes
AIO
6
GND
Ground
Power
7
THERM / ADDR
THERM - Critical THERM output signal - requires
pull-up resistor
OD (5V)
ADDR - Selects SMBus address based on pull-
up resistor
OD (5V)
8ALERT / THERM2
Active low digital ALERT output signal - requires
pull-up resist
OD (5V)


Similar Part No. - EMC1184

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1184 MICROCHIP-EMC1184 Datasheet
547Kb / 48P
   Quad Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
EMC1184-A-AIA-TR MICROCHIP-EMC1184-A-AIA-TR Datasheet
547Kb / 48P
   Quad Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
More results

Similar Description - EMC1184

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1184 MICROCHIP-EMC1184 Datasheet
547Kb / 48P
   Quad Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
EMC1182 MICROCHIP-EMC1182 Datasheet
565Kb / 48P
   Dual Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
EMC1183 MICROCHIP-EMC1183 Datasheet
539Kb / 48P
   Triple Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
   Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1187 SMSC-EMC1187 Datasheet
525Kb / 47P
   Triple Channel 1째C Temperature Sensor with Hardware
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com