Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTE2024S12 Datasheet(PDF) 3 Page - XP Power Limited

Part # DTE2024S12
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DTE2024S12 Datasheet(HTML) 3 Page - XP Power Limited

  DTE2024S12 Datasheet HTML 1Page - XP Power Limited DTE2024S12 Datasheet HTML 2Page - XP Power Limited DTE2024S12 Datasheet HTML 3Page - XP Power Limited DTE2024S12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
0
-40
95
20
40
60
80
100
Ambient Temperature (°C)
: 87 °C for DTE2024S12, S24
DTE2048S12, S24
: 86 °C for DTE2024S5V1
DTE2048S5V1
A
A
DTE20 Series
www.xppower.com
DC-DC Converter
3
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Immunity
EN55024
ESD Immunity
EN61000-4-2
±4 kV Contact, ±8 kV Air
A
Radiated Immunity
EN61000-4-3
10 V/m
A
EFT/Burst
EN61000-4-4
3A
Surges
EN61000-4-5
3A
Conducted Immunity
EN61000-4-6
10 Vm
A
Magnetic Fields
EN61000-4-8
30 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Level A
With no external components
Radiated
EN55022
Level A
See application notes
Application Notes
C2
Pin 3
Pin 2
+Vin
-Vin
+Vout
-Vout
L1
C1
C3
Pin 5
Pin 7
Radiated Emissions
Derating Curve for Convection Cooling
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
CB
IEC60950-1
ITE
UL
UL60950-1
ITE
Model
L1
C1
C2
C3
DTE2024SXX
120 µH
4.7 µF/50 V
None
220 pF/3 KV
DTE2048SXX
120 µH
3.3 µF/100 V
220 pF/3 KV
220 pF/3 KV


Similar Part No. - DTE2024S12

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTE2311 DINTEK-DTE2311 Datasheet
330Kb / 7P
   P-Channel 20-V (D-S) MOSFET
DTE2311 DINTEK-DTE2311 Datasheet
1Mb / 7P
   P-Channel 20-V (D-S) MOSFET Halogen-free
DTE2311 DINTEK-DTE2311_13 Datasheet
1Mb / 7P
   P-Channel 20-V (D-S) MOSFET Halogen-free
DTE2312 DINTEK-DTE2312 Datasheet
358Kb / 8P
   N-Channel 20-V (D-S) MOSFET
DTE2312 DINTEK-DTE2312 Datasheet
1Mb / 8P
   N-Channel 20-V (D-S) MOSFET Halogen-free
More results

Similar Description - DTE2024S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com