Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG50 Datasheet(PDF) 8 Page - XP Power Limited

Part # AG50
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AG50 Datasheet(HTML) 8 Page - XP Power Limited

Back Button AG50 Datasheet HTML 2Page - XP Power Limited AG50 Datasheet HTML 3Page - XP Power Limited AG50 Datasheet HTML 4Page - XP Power Limited AG50 Datasheet HTML 5Page - XP Power Limited AG50 Datasheet HTML 6Page - XP Power Limited AG50 Datasheet HTML 7Page - XP Power Limited AG50 Datasheet HTML 8Page - XP Power Limited AG50 Datasheet HTML 9Page - XP Power Limited AG50 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4718L02
PAGE 8
WWW.XPPOWER.COM
Probe
Reflow Results
Positive
Slope
(°C/sec)
Positive
Slope Time
(mm:ss.tt)
Rise Time
(120.0 - 180.0°C)
(mm:ss.tt)
Mean Slope
to Peak
(°C/sec)
Time Above
Liquidus
(217.0°C)
(mm:ss.tt)
Peak
Temperature
(°C)
Negative
Slope
(°C/sec)
(°C) Module Lead Top
2.62
03:43.50
01:17.00
0.77
00:44.00
237.5
-2.59
Probe
Maximum / Minimum
Maximum
(°C)
Max. Reached
(mm:ss.tt)
Mean
(°C)
Deviation from
255.0°C
Standard
deviation
Minimum
(°C)
Min. Reached
(mm:ss.tt)
(°C) Module Lead Top
237.5
04:18.00
139.8
-17.5
56.5
38.5
00:00.00
Probe
Time at Temperature
Slopes
Time Above 230.0°C
(mm:ss.tt)
Time to Reach 230.0°C
(mm:ss.tt)
Positive Slope
(°C/sec)
Mean Slope
(°C/sec)
(°C) Module Lead Top
00:16.00
04:09.50
2.62
0.38
AG RoHS REFLOW PROFILE
AG SERIES
*Reflow profile is subject to change based on your application


Similar Part No. - AG50

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG503-86 WJCI-AG503-86 Datasheet
369Kb / 6P
   InGaP HBT Gain Block
AG503-86 WJCI-AG503-86 Datasheet
486Kb / 6P
   InGaP HBT Gain Block
AG503-86-RFID WJCI-AG503-86-RFID Datasheet
486Kb / 6P
   InGaP HBT Gain Block
AG503-86G WJCI-AG503-86G Datasheet
369Kb / 6P
   InGaP HBT Gain Block
AG503-86G WJCI-AG503-86G Datasheet
486Kb / 6P
   InGaP HBT Gain Block
More results

Similar Description - AG50

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com