Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC4367JET100E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC4367JET100E
Description  32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4367JET100E Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC4367JET100E Datasheet HTML 1Page - NXP Semiconductors LPC4367JET100E Datasheet HTML 2Page - NXP Semiconductors LPC4367JET100E Datasheet HTML 3Page - NXP Semiconductors LPC4367JET100E Datasheet HTML 4Page - NXP Semiconductors LPC4367JET100E Datasheet HTML 5Page - NXP Semiconductors LPC4367JET100E Datasheet HTML 6Page - NXP Semiconductors LPC4367JET100E Datasheet HTML 7Page - NXP Semiconductors LPC4367JET100E Datasheet HTML 8Page - NXP Semiconductors LPC4367JET100E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
1.
General description
The LPC436x are ARM Cortex-M4 based microcontrollers for embedded applications,
which include an ARM Cortex-M0 coprocessor and an ARM Cortex-M0 subsystem for
managing peripherals, up to 1 MB of flash and 154 kB of on-chip SRAM, 16 kB of
EEPROM memory, a quad SPI Flash Interface (SPIFI), advanced configurable
peripherals such as the SCTimer/PWM and the Serial General Purpose I/O (SGPIO)
interface, two High-speed USB controllers, Ethernet, LCD, an external memory controller,
and multiple digital and analog peripherals. The LPC436x operate at CPU frequencies of
up to 204 MHz.
The ARM Cortex-M4 is a 32-bit core that offers system enhancements such as low power
consumption, enhanced debug features, and a high level of support block integration. The
ARM Cortex-M4 CPU incorporates a 3-stage pipeline, uses a Harvard architecture with
separate local instruction and data buses as well as a third bus for peripherals, and
includes an internal prefetch unit that supports speculative branching. The ARM
Cortex-M4 supports single-cycle digital signal processing and SIMD instructions. A
hardware floating-point processor is integrated into the core.
The LPC436x include an application ARM Cortex-M0 coprocessor and a second ARM
Cortex-M0 subsystem for managing the SGPIO and SPI peripherals.The ARM Cortex-M0
coprocessor is an energy-efficient and easy-to-use 32-bit core which is upward code- and
tool-compatible with the Cortex-M4 core. The Cortex-M0 coprocessor, designed as a
replacement for existing 8/16-bit microcontrollers, offers up to 204 MHz performance with
a simple instruction set and reduced code size. In LPC436x, the Cortex-M0 coprocessor
hardware multiply is implemented as a 32-cycle iterative multiplier.
For additional documentation related to the LPC43xx parts, see Section 17.
2.
Features and benefits
Cortex-M4 Processor core
ARM Cortex-M4 processor (version r0p1), running at frequencies of up to
204 MHz.
Built-in Memory Protection Unit (MPU) supporting eight regions.
Built-in Nested Vectored Interrupt Controller (NVIC).
Hardware floating-point unit.
Non-maskable Interrupt (NMI) input.
JTAG and Serial Wire Debug (SWD), serial trace, eight breakpoints, and four watch
points.
Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
LPC436x
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB
SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2 — 14 March 2016
Product data sheet


Similar Part No. - LPC4367JET100E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4367JET100 NXP-LPC4367JET100 Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
More results

Similar Description - LPC4367JET100E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC43S6X NXP-LPC43S6X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC43S5X NXP-LPC43S5X Datasheet
7Mb / 157P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
Rev. 1.3-13 January2020
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC408X NXP-LPC408X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
Rev. 1-17 September 2012
LPC4350 NXP-LPC4350 Datasheet
1Mb / 145P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com