Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1702 Datasheet(PDF) 11 Page - SMSC Corporation

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1702 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button EMC1702 Datasheet HTML 7Page - SMSC Corporation EMC1702 Datasheet HTML 8Page - SMSC Corporation EMC1702 Datasheet HTML 9Page - SMSC Corporation EMC1702 Datasheet HTML 10Page - SMSC Corporation EMC1702 Datasheet HTML 11Page - SMSC Corporation EMC1702 Datasheet HTML 12Page - SMSC Corporation EMC1702 Datasheet HTML 13Page - SMSC Corporation EMC1702 Datasheet HTML 14Page - SMSC Corporation EMC1702 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
High-Side Current-Sense and Dual 1°C Temperature Monitor
Datasheet
SMSC EMC1702
11
Revision 1.2 (09-27-10)
DATASHEET
2.1
Electrical Specifications
Table 2.2 Electrical Specifications
VDD = VBUS = 3V TO 24V, VPULLUP = 3V TO 5.5V, TA = -40°C TO 85°C,
ALL TYPICAL VALUES AT VDD = VPULLUP = 3.3V, VBUS = 12V, AND TA = 27°C UNLESS OTHERWISE NOTED.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
DC POWER
Supply Voltage
VDD
324
V
VDD Pin Supply
Current
IDD
610
750
uA
Temp conversions at 0.0625
conversions / second,
dynamic averaging disabled
current sense active
650
950
uA
Temp conversions at 4
conversions / second,
dynamic averaging disabled
current sense active
950
1100
uA
Temp conversions at 8
conversions / second,
dynamic averaging enabled
current sense active
VDD Pin Supply
Current
IDD_
T_STANDBY
750
uA
Temp conversions disabled
(TMEAS / STOP = ‘1’)
current sense active
VDD Pin Supply
Current
IDD_ALL_
STANDBY
300
uA
Temp conversions disabled
(TMEAS / STOP = ‘1’)
Current sense disabled
(IMEAS / STOP = ‘1’)
SENSE+ Pin Bias
Current
ISENSE+
90
uA
VSENSE = 0V, VDD = 3V to 24V,
Current sense active
15
uA
VSENSE = 0V, VDD = 3V to 24V,
current sense disabled
10
20
uA
VDD = 0V
SENSE- Pin Bias
Current
ISENSE-
10
uA
VSENSE = 0V, VDD = 3V to 24V,
Current sense active
10
uA
VSENSE = 0V, VDD = 3V to 24V,
current sense disabled
0uA
VDD = 0V
Pull-up Voltage
VPULLUP
35.5
V
Pull-up voltage for SMBus,
ALERT, and THERM pins
Leakage Current (±)
ILEAK
5uA
ALERT and THERM pins,
SMDATA and SMCLK pins
powered or unpowered,
TA < 85°C


Similar Part No. - EMC1702

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1702 MICROCHIP-EMC1702 Datasheet
2Mb / 60P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
02/28/20
EMC1702-1-KP-TR MICROCHIP-EMC1702-1-KP-TR Datasheet
2Mb / 60P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
02/28/20
More results

Similar Description - EMC1702

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1702 MICROCHIP-EMC1702 Datasheet
2Mb / 60P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
02/28/20
logo
SMSC Corporation
EMC1701 SMSC-EMC1701 Datasheet
876Kb / 54P
   High-Side Current-Sense and Internal 1째C Temperature Monitor
logo
Microchip Technology
EMC1704 MICROCHIP-EMC1704 Datasheet
1Mb / 68P
   High-Side Current-Sense and Multiple 1째C Temperature Monitor
Rev. 1.0 11-09-09
PAC1710 MICROCHIP-PAC1710 Datasheet
492Kb / 48P
   Single and Dual High-Side Current-Sense Monitor with Power Calculation
07/14/15
logo
SMSC Corporation
PAC1720 SMSC-PAC1720 Datasheet
772Kb / 47P
   Dual High-Side Current Sense Monitor with Power Calculation
logo
Diodes Incorporated
ZXCT1008 DIODES-ZXCT1008_17 Datasheet
562Kb / 8P
   INCREASED AMBIENT TEMPERATURE HIGH-SIDE CURRENT MONITOR
logo
International Rectifier
AUIPS7142G IRF-AUIPS7142G_15 Datasheet
154Kb / 17P
   DUAL CHANNELS CURRENT SENSE HIGH SIDE SWITCH
AUIPS7145R IRF-AUIPS7145R Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH Over temperature shutdown
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com