Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A02 Datasheet(PDF) 9 Page - XP Power Limited

Part # A02
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

A02 Datasheet(HTML) 9 Page - XP Power Limited

Back Button A02 Datasheet HTML 2Page - XP Power Limited A02 Datasheet HTML 3Page - XP Power Limited A02 Datasheet HTML 4Page - XP Power Limited A02 Datasheet HTML 5Page - XP Power Limited A02 Datasheet HTML 6Page - XP Power Limited A02 Datasheet HTML 7Page - XP Power Limited A02 Datasheet HTML 8Page - XP Power Limited A02 Datasheet HTML 9Page - XP Power Limited A02 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4389U04
PAGE 9
WWW.XPPOWER.COM
Typical HV Output vs. Control Voltage
0
50
100
150
200
250
300
0
10
20
30
40
50
60
70
80
90
100
% Control Voltage
NOTE: Vin held at maximum
Full Load Output
No Load Output (A)
No Load Output (AH)
Safe Operating Limit
TYPICAL INPUT vs. OUTPUT VOLTAGE
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
% INPUT VOLTAGE
NOTE: Control Pin tied to Vin Pin
loaded
unloaded (A)
unloaded (AH)
A SERIES
APPLICATION NOTES
Typical HV Output vs. Control Voltage
Typical Input vs. Output Voltage
Output Voltage is load dependent. Under light or no-load conditions, reduce
the Input Voltage so maximum rated Output Voltage is not exceeded.


Similar Part No. - A02

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
A02 MITSUMI-A02 Datasheet
51Kb / 4P
   3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC
logo
Frontier Electronics.
A02-LFR FRONTIER-A02-LFR Datasheet
131Kb / 2P
   1A MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
logo
Tripp Lite. All Rights ...
A020-000-KJ TRIPPLITE-A020-000-KJ Datasheet
156Kb / 2P
   Composite Audio Video Keystone Jack, Snap-in Insert Module (R,Y,W F/F)
logo
List of Unclassifed Man...
A0200-101-4-000 ETC2-A0200-101-4-000 Datasheet
172Kb / 3P
   60mm Servo Motor, 200W
logo
Vishay Barry
A0200-150-1X BARRY-A0200-150-1X Datasheet
156Kb / 1P
   BeO 2 dB FLANGED ATTENUATOR
Revision Date 04/15/10
More results

Similar Description - A02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com