Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH01 Datasheet(PDF) 1 Page - XP Power Limited

Part # AH01
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AH01 Datasheet(HTML) 1 Page - XP Power Limited

  AH01 Datasheet HTML 1Page - XP Power Limited AH01 Datasheet HTML 2Page - XP Power Limited AH01 Datasheet HTML 3Page - XP Power Limited AH01 Datasheet HTML 4Page - XP Power Limited AH01 Datasheet HTML 5Page - XP Power Limited AH01 Datasheet HTML 6Page - XP Power Limited AH01 Datasheet HTML 7Page - XP Power Limited AH01 Datasheet HTML 8Page - XP Power Limited AH01 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4389U04
PAGE 1
WWW.XPPOWER.COM
100V to 6000V @ 1.0 and 1.5 Watts
Complete List of Models on page 2
VDC
STANDARD 1 WATT -
A MODEL
1
.5 WATT OPTION -
AH MODEL
MODEL
MAXIMUM
OUTPUT
CURRENT*1
MODEL
MAXIMUM
OUTPUT
CURRENT*1
100 VDC
A01
10 mA
AH01
15 mA
200 VDC
A02
5 mA
AH02
7.5 mA
250 VDC
A025
4 mA
AH025
6 mA
300 VDC
A03
3.33 mA
AH03
5mA
400 VDC
A04
2.5 mA
AH04
3.75 mA
500 VDC
A05
2 mA
AH05
3 mA
600 VDC
A06
1.67 mA
AH06
2.5 mA
700 VDC
A07
1.43 mA
AH07
2.15 mA
800 VDC
A08
1.25 mA
AH08
1.87 mA
900 VDC
A09
1.1 mA
AH09
1.67 mA
1000 VDC
A10
1 mA
AH10
1.5 mA
1200 VDC
A12
0.83 mA
AH12
1.25 mA
1500 VDC
A15
0.66 mA
AH15
1 mA
2000 VDC
A20
0.5 mA
AH20
0.75 mA
3000 VDC
A30
0.32 mA
AH30
0.5 mA
4000 VDC
A40
0.24 mA
5000 VDC
A50
0.2 mA
6000 VDC
A60
0.167 mA
AH60
0.25 mA
Avalanche Photodiodes
Capacitor Charging
Electrophoresis
Photomultiplier Tubes
Piezo Devices
Mass Spectrometry
Sustaining Ion Pumps
The A Series is a new line of ultra-miniature, DC to HV DC convert-
ers that set an industry standard in high voltage miniaturization.
This unique package occupies less than one tenth of a cubic inch of
volume*5, and features an extremely low profile of only 0.250 inches
(6.35mm)! Controllable output voltages range from 100 volts to 6000
volts. These component-sized converters are ideal for applications
requiring minimal size and weight. Please refer to our AG series
data sheet for surface mount options.
Proven
Reliability
OPTIONS
• Proportional Input/Output
• Low Noise Quasi-sinewave Oscillator
• Control Pin
• Low Leakage Current
• Low Input/Output Capacitance
• Input to Output Galvanic Isolation
• Short Circuit Protection, 1 Minute Minimum
• No Minimum Load Required*2
• MTBF > 1,862,000 hours, per Bellcore TR 332
• No External Components Required
• RoHS Compliant
• UL Recognized
A SERIES
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PRODUCT DESCRIPTION
PRODUCT SELECTION TABLE
1 Watt and 1.5 Watt Versions Available (A/AH)
Three Input Voltage Ranges: 0 to 5, 12, or 24VDC (5V only above 3KV)
Polarity: Choose Positive or Negative Output (P/N)
Extended Operating Temperature (A Models / 1.0W) (T Suffix)
Alternate Input / Output Voltages (Consult Factory)
See Ordering Information (Page 11)
Extremely Low Profile: 0.25 inches
and volume of < 0.100 cubic inches*5
APPLICATIONS
FEATURES
E344664
NOW
UL RECOGNIZED


Similar Part No. - AH01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
AH0014C NSC-AH0014C Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
AH0014CD NSC-AH0014CD Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
AH0014D NSC-AH0014D Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
AH0015 NSC-AH0015 Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
More results

Similar Description - AH01

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com