Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC2300-AZC Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC2300-AZC
Description  Fan Control Device with High Frequency PWM and Temperature Monitors
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2300-AZC Datasheet(HTML) 1 Page - SMSC Corporation

  EMC2300-AZC Datasheet HTML 1Page - SMSC Corporation EMC2300-AZC Datasheet HTML 2Page - SMSC Corporation EMC2300-AZC Datasheet HTML 3Page - SMSC Corporation EMC2300-AZC Datasheet HTML 4Page - SMSC Corporation EMC2300-AZC Datasheet HTML 5Page - SMSC Corporation EMC2300-AZC Datasheet HTML 6Page - SMSC Corporation EMC2300-AZC Datasheet HTML 7Page - SMSC Corporation EMC2300-AZC Datasheet HTML 8Page - SMSC Corporation EMC2300-AZC Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
SMSC EMC2300
DATASHEET
Revision 0.32 (06-23-08)
Datasheet
PRODUCT FEATURES
EMC2300
Fan Control Device with
High Frequency PWM and
Temperature Monitors
3.3 Volt Operation (5 Volt Tolerant Input Buffers)
SMBus 2.0 Compliant Interface (Fixed, not
Discoverable) with Three Slave Address Options
Fan Control
PWM (Pulse width Modulation) Outputs (3)
Fan Tachometer Inputs (4)
Programmable automatic fan control based on
temperature
Backwards compatible with fans requiring lower
frequency PWM drive
High frequency fan support for 4 wire fans
One fan can be controlled from as many as 3
temperature zones
Fan ramp rate control for acoustic noise reduction
Power Savings Modes
Two monitoring modes: continuous or cycling (for power
savings)
Two low power modes when monitoring if off: Sleep and
Shutdown
Temperature Monitor
Monitoring of Two Remote Thermal Diodes (+/- 3 deg
C accuracy)
Internal Ambient Temperature Measurement
Limit Comparison of all Monitored Values
Interrupt Pin for out-of-limit Temperature Indication
Voltage Monitor
Monitors VCC and VCCP
Limit Comparison of all Monitored Values
Interrupt Pin for out-of-limit Voltage Indication
XOR Tree Test Mode
16-Pin SSOP Lead-Free RoHS Compliant Package
ORDER NUMBERS:
EMC2300-AZC FOR 16 PIN, SSOP LEAD-FREE ROHS COMPLIANT PACKAGE
EMC2300-AZC-TR FOR 16 PIN, SSOP LEAD-FREE ROHS COMPLIANT PACKAGE (TAPE AND REEL)
2,800 UNITS FOR 13 INCH REEL, 97 UNITS PER TUBE


Similar Part No. - EMC2300-AZC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2300-AZC SMSC-EMC2300-AZC Datasheet
1Mb / 81P
   Fan Control Device with High Frequency PWM and Temperature Monitors
EMC2300-AZC-TR SMSC-EMC2300-AZC-TR Datasheet
1Mb / 81P
   Fan Control Device with High Frequency PWM and Temperature Monitors
More results

Similar Description - EMC2300-AZC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2300 SMSC-EMC2300 Datasheet
1Mb / 81P
   Fan Control Device with High Frequency PWM and Temperature Monitors
EMC6D103 SMSC-EMC6D103 Datasheet
1Mb / 89P
   FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
logo
Maxim Integrated Produc...
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
   Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
logo
SMSC Corporation
EMC6D103S SMSC-EMC6D103S_07 Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103 SMSC-EMC6D103_07 Datasheet
1Mb / 92P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S SMSC-EMC6D103S Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
logo
National Semiconductor ...
LM64 NSC-LM64 Datasheet
376Kb / 29P
   짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
logo
SMSC Corporation
EMC6D100 SMSC-EMC6D100 Datasheet
597Kb / 75P
   ENVIRONMENTAL MONITORING AND CONTROL DEVICE WITH AUTOMATIC FAN CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com