Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2700564 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2700564
Description  Safety relays - PSR-MC50-3NO-1DO-24DC-SP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2700564 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2700564 Datasheet HTML 1Page - PHOENIX CONTACT 2700564 Datasheet HTML 2Page - PHOENIX CONTACT 2700564 Datasheet HTML 3Page - PHOENIX CONTACT 2700564 Datasheet HTML 4Page - PHOENIX CONTACT 2700564 Datasheet HTML 5Page - PHOENIX CONTACT 2700564 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/2700564
08/30/2016   Page 1 / 6
Safety relays - PSR-MC50-3NO-1DO-24DC-SP - 2700564
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Safety relay for monitoring non-equivalent signal generators up to SILCL 3, Cat. 4, PL e, 2-channel, non-
equivalent operation, automatic or manual, monitored start, 3 enabling current paths, US = 24 V DC, plug-in
spring-cage terminal block
The figure shows a version with a
screw connection
Why buy this product
 Up to Cat.4/PL e according to ISO 13849-1, SILCL 3 according to IEC 62061
 Low housing width of just 12.5 mm
 Two-channel non-equivalent control
 3 enabling current paths, 1 digital signal output
 Manually monitored and automatic activation in a single device
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
180.000 g
Custom tariff number
85371099
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
12.5 mm
Height
116.6 mm
Depth
114.5 mm


Similar Part No. - 2700564

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700563 PHOENIX-2700563 Datasheet
262Kb / 9P
   Safety module - IB IL 24 PSDOR 4-F-PAC
2700566 PHOENIX-2700566 Datasheet
56Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
More results

Similar Description - 2700564

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700553 PHOENIX-2700553 Datasheet
87Kb / 6P
   Safety relays - PSR-MC50-3NO-1DO-24DC-SC
2700548 PHOENIX-2700548 Datasheet
87Kb / 6P
   Safety relays - PSR-MC34-3NO-1DO-24DC-SP
2700570 PHOENIX-2700570 Datasheet
433Kb / 12P
   PSR-MC40-3NO-1DO-24DC-SP - Safety relays
2702347 PHOENIX-2702347 Datasheet
45Kb / 2P
   Safety relays - PSR-MC20-3NO-1DO-24DC-SP-DUMMY
2700540 PHOENIX-2700540 Datasheet
87Kb / 6P
   Safety relays - PSR-MC34-3NO-1DO-24DC-SC
2700499 PHOENIX-2700499 Datasheet
87Kb / 6P
   Safety relays - PSR-MC30-2NO-1DO-24DC-SP
1249516 PHOENIX-1249516 Datasheet
384Kb / 10P
   Safety device - PSR-MM35-1NO-1DO-24DC-SP
Nov 3, 2022
2904956 PHOENIX-2904956 Datasheet
83Kb / 6P
   Safety relays - PSR-MS50-1NO-1DO-24DC-SC
2904955 PHOENIX-2904955 Datasheet
83Kb / 6P
   Safety relays - PSR-MS45-1NO-1DO-24DC-SC
2904957 PHOENIX-2904957 Datasheet
83Kb / 6P
   Safety relays - PSR-MS55-1NO-1DO-24DC-SC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com