Electronic Components Datasheet Search |
|
SMDA30-D04 Datasheet(PDF) 2 Page - Vitec Power |
|
SMDA30-D04 Datasheet(HTML) 2 Page - Vitec Power |
2 / 2 page Electrical Characteristics Parameter Test Conditions Min. Typ. Max. Unit Input Voltage Operating Voltage 90 264 VAC Input Frequency 47 63 Hz Output Power Range Vin=90 to 264 VAC 0 30 W Input Current (Low Line) Io=Full load, Vin= 115 VAC 0.9 A Input Current (High Line) Io=Full load, Vin= 230 VAC 0.34 A Low Line Inrush Current Io=Full load, 25°C, Cool start, Vin=115VAC 12 15 A High Line Inrush Current Io=Full load, 25°C, Cool start, Vin=230VAC 28 38 A Efficiency Io=Full Load, Vin=230VAC 70 83 85 % Line Regulation Io=Full Load 0.5 1 % Load Regulation Vin=230VAC 3 10 % Over Voltage Protection 112 132 % Over Current Protection 110 150 % Transient Response Io=Full Load to Half Load, Vin=100VAC 4 mS Hold-Up Time Io=Full Load, Vin=110VAC 12 mS Start Up Time Io=Full Load, Vin=100VAC 0.3 1.5 2 S * Ripple & Noise (Peak to Peak) Full Load, Vin=90VAC 0.5 1 % Safety Ground Leakage Current Io= Full Load, Vin=240VAC 0.1 mA Temperature Coefficient All output -0.04 0.04 %/°C No-Load Power Consumption No load, vin=240VAC 0.3 0.5 W * Note: The Ripple & Noise which is under 3.3VDC at 2% max. Conditions Parameter Test Conditions Min. Typ. Max. Unit Operating Temperature 0 50 70 °C Storage Temperature -40 85 °C Relative Humidity 5 95 % Operating Temperature at 25°C, Calculated per MIL-HDBK-217F 0.1M Hrs De-rate linearly from 100% load at 50°C to 50% load at 70°C Approvals and Compliance Parameter Test Conditions Min. Unit Dielectric Withstanding Voltage for Primary to secondary Primary to secondary 5656 VDC Dielectric Withstanding Voltage for Primary to Ground Primary to ground 2828 VDC Isolation Resistance Test Voltage = 500VDC 50 MΩ EMI requirements for CISPR-11 Vin=220VAC B CLASS EMI requirements for FCC PART-18 Vin=110VAC B CLASS Mechanical and PIN out 1. Dimensions are shown in inches or mm. 2. Weight: 400-460gs approx. 3. Optional output connector |
Similar Part No. - SMDA30-D04 |
|
Similar Description - SMDA30-D04 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |