Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDA30-S06 Datasheet(PDF) 2 Page - Vitec Power

Part # SMDA30-S06
Description  30W Desktop for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMDA30-S06 Datasheet(HTML) 2 Page - Vitec Power

  SMDA30-S06 Datasheet HTML 1Page - Vitec Power SMDA30-S06 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264 VAC
0
30
W
Input Current (Low Line)
Io=Full load, Vin= 115 VAC
0.9
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
0.34
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
12
15
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230VAC
28
38
A
Efficiency
Io=Full Load, Vin=230VAC
70
83
85
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
10
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1.5
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC
0.1
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No load, vin=240VAC
0.3
0.5
W
* Note: The Ripple & Noise which is under 3.3VDC at 2% max.
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
5656
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2828
VDC
Isolation Resistance
Test Voltage = 500VDC
50
EMI requirements for CISPR-11
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-18
Vin=110VAC
B
CLASS
Mechanical and PIN out
1.
Dimensions are shown in inches or mm.
2.
Weight: 400-460gs approx.
3.
Optional output connector


Similar Part No. - SMDA30-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA30-S06 Vitec-SMDA30-S06 Datasheet
403Kb / 2P
   30W Desktop for Medical Equipment
More results

Similar Description - SMDA30-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA30 Vitec-SMDA30 Datasheet
403Kb / 2P
   30W Desktop for Medical Equipment
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SHDA31A Vitec-SHDA31A Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SHDA31B-SERIES Vitec-SHDA31B-SERIES Datasheet
381Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SHDA31B Vitec-SHDA31B Datasheet
381Kb / 2P
   30W Desktop Power Supply for Medical Equipment
STDA31-SERIES Vitec-STDA31-SERIES Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA31 Vitec-SIDA31 Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
STDA31 Vitec-STDA31 Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
SMDA60B Vitec-SMDA60B Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com