Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP332 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP332
Description  Office Machine Household Use Equipment Programmable Controllers AC / DC-Input Module Telecommunication
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP332 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP332 Datasheet HTML 1Page - Toshiba Semiconductor TLP332 Datasheet HTML 2Page - Toshiba Semiconductor TLP332 Datasheet HTML 3Page - Toshiba Semiconductor TLP332 Datasheet HTML 4Page - Toshiba Semiconductor TLP332 Datasheet HTML 5Page - Toshiba Semiconductor TLP332 Datasheet HTML 6Page - Toshiba Semiconductor TLP332 Datasheet HTML 7Page - Toshiba Semiconductor TLP332 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP331,TLP332
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5V
10
µA
Capacitance
CT
V = 0, f = 1MHz
30
pF
Collector
-emitter
breakdown voltage
V(BR)CEO IC = 0.5mA
55
V
Emitter
-collector
breakdown voltage
V(BR)ECO IE = 0.1mA
7
V
Collector
-base breakdown voltage
(TLP331)
V(BR)CBO IC = 0.1mA
80
V
Emitter
-base breakdown voltage
(TLP331)
V(BR)EBO IE = 0.1mA
7
V
VCE = 24V
10
100
nA
Collector dark current
ICEO
VCE = 24V, Ta = 85°C
2
50
µA
Collector dark current
(TLP331)
ICER
VCE = 24V, Ta = 85°C
RBE = 1MΩ
0.5
10
µA
Collector dark current
(TLP331)
ICBO
VCB = 10V
0.1
nA
DC forward current gain
(TLP331)
hFE
VCE = 5V, IC = 0.5mA
1000
Capacitance (collector to emitter)
CCE
V = 0 , f = 1MHz
12
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
100
1200
Current transfer ratio
IC / IF
IF = 1mA, VCE = 0.5V
Rank BV
200
1200
%
50
Low input CTR
IC / IF(low)
IF = 0.5mA, VCE = 1.5V
Rank BV
100
%
Base photo
-current (TLP331)
IPB
IF = 1mA, VCB = 5V
10
µA
IC = 0.5mA IF = 1mA
0.4
0.2
Collector
-emitter
saturation voltage
VCE(sat)
IC = 1mA IF = 1mA
Rank BV
0.4
V
Coupled Electrical Characteristics (Ta = 25~75°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
50
Current transfer ratio
IC / IF
IF = 1mA, VCE = 0.5V
Rank BV
100
%
50
Low input CTR
IC / IF(low)
IF = 0.5mA, VCE = 1.5V
Rank BV
100
%


Similar Part No. - TLP332

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP332 TOSHIBA-TLP332 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP3320 TOSHIBA-TLP3320 Datasheet
205Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
More results

Similar Description - TLP332

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP371F TOSHIBA-TLP371F Datasheet
193Kb / 8P
   Office Machine Household Use Equipment Telecommunication Solid State Relay Programmable Controllers
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP137 TOSHIBA-TLP137 Datasheet
221Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
   Office Machine Programmable Controllers Office Machine Telecommunication
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
TLP629 TOSHIBA-TLP629 Datasheet
542Kb / 7P
   Telecommunication Office Machine Telephone Use Equipment
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
   Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
   Programmable Controllers AC DC-Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com